Electronic Components Datasheet Search
  English  ▼

X  

B65857 Datasheet(PDF) 2 Page - EPCOS

Part # B65857
Description  EPX 7/9 For xDSL-line transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65857 Datasheet(HTML) 2 Page - EPCOS

  B65857 Datasheet HTML 1Page - EPCOS B65857 Datasheet HTML 2Page - EPCOS B65857 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
282 08/01
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code natural or black
Solderability: to IEC 60068-2-20, Test Ta, method 1 (aging 3): 350 °C, 1 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400°C, 1 s
Winding:
see “Processing Notes”, page 160
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
4,1
22,9
191,8
8
B65858-A1008-T1
FEP0009-P
0,2
7,1_
0,15
4,55 _
2,54
0,6
4,5 _0,1
12,4±0,2
0,2
9,4 _
0,6
Recommended PCB layout
13,6
2,5
3 x 2,54 = 7,62
3,45+0,15
B65858
Accessories
EPX 7/9
Preliminary data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com