Electronic Components Datasheet Search
  English  ▼

X  

CD54HC132 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC132
Description  High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC132 Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC132 Datasheet HTML 1Page - Texas Instruments CD54HC132 Datasheet HTML 2Page - Texas Instruments CD54HC132 Datasheet HTML 3Page - Texas Instruments CD54HC132 Datasheet HTML 4Page - Texas Instruments CD54HC132 Datasheet HTML 5Page - Texas Instruments CD54HC132 Datasheet HTML 6Page - Texas Instruments CD54HC132 Datasheet HTML 7Page - Texas Instruments CD54HC132 Datasheet HTML 8Page - Texas Instruments CD54HC132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
2
-
20
-
40
µA
HCT TYPES
Input Switch Points
(Note 2)
VT+
-
-
4.5
1.2
-
1.9
1.2
1.9
1.2
1.9
V
5.5
1.4
-
2.1
1.4
2.1
1.4
2.1
V
VT-
-
-
4.5
0.5
-
1.2
0.5
1.2
0.5
1.2
V
5.5
0.6
-
1.4
0.6
1.4
0.6
1.4
V
VH
-
-
4.5
0.4
-
1.4
0.4
1.4
0.4
1.4
V
5.5
0.4
-
1.5
0.4
1.5
0.4
1.5
V
High Level Output
Voltage
CMOS Loads
-
VT+ or
VT-
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage CMOS Loads
VOL
VT+ or
VT-
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC
and
GND
-
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
2
-
20
-
40
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 3)
VCC
- 2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTES:
2. Hysteresis definition, characteristic and test setup see Test Circuits and Waveforms
3. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC132, CD74HC132, CD54HCT132, CD74HCT132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com