Electronic Components Datasheet Search
  English  ▼

X  

CD54HC132 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC132
Description  High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC132 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC132 Datasheet HTML 2Page - Texas Instruments CD54HC132 Datasheet HTML 3Page - Texas Instruments CD54HC132 Datasheet HTML 4Page - Texas Instruments CD54HC132 Datasheet HTML 5Page - Texas Instruments CD54HC132 Datasheet HTML 6Page - Texas Instruments CD54HC132 Datasheet HTML 7Page - Texas Instruments CD54HC132 Datasheet HTML 8Page - Texas Instruments CD54HC132 Datasheet HTML 9Page - Texas Instruments CD54HC132 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 3. HYSTERESIS DEFINITION, CHARACTERISTIC, AND TEST SET-UP
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
VCC
Vl
GND
VCC
VO
GND
VCC
Vl
VO
VO
VH
VH = V
+
T - V
-
T
-
T
V
+
T
V
VH
Vl
-
T
V
+
T
V
CD54HC132, CD74HC132, CD54HCT132, CD74HCT132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com