Electronic Components Datasheet Search
  English  ▼

X  

CDCE401 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE401 Datasheet HTML 8Page - Texas Instruments CDCE401 Datasheet HTML 9Page - Texas Instruments CDCE401 Datasheet HTML 10Page - Texas Instruments CDCE401 Datasheet HTML 11Page - Texas Instruments CDCE401 Datasheet HTML 12Page - Texas Instruments CDCE401 Datasheet HTML 13Page - Texas Instruments CDCE401 Datasheet HTML 14Page - Texas Instruments CDCE401 Datasheet HTML 15Page - Texas Instruments CDCE401 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.ti.com
CDCE401
SCAS820 – JUNE 2006
TIMING REQUIREMENTS (continued)
over recommended ranges of supply voltage, load, and operating free-air temperature
PARAMETER
MIN
NOM
MAX
UNIT
OG0 = 1
OG1 = 1
25
Base input capacitance into XOUT,
OG0 = 1
OG1 = 0
17
CBASE_XOUT measured single-ended with all CXx turned
pF
OG0 = 0
OG1 = 1
16
off
OG0 = 0
OG1 = 0
11
CXx7
6
CXx6
3
pF
CXx5
1.5
Crystal tune capacitance, measured single-ended against
CXx4
0.75
CXI[7:0]
VSS (subtracted from CBASE), i.e.:
CXO[7:0]
CXI[0:7] = CXIN – CBASE(OGx) or
CXx3
375
CXO[0:7] = CXOUT – CBASE(OGx)
CXx2
187
fF
CXx1
94
CXx0
47
FOUT OUTPUT PARAMETER
fCLK_OUT
Crystal frequency
20
100
MHz
tr/tf
Rise and fall time
10% to 90% VDD and
2
3
ns
CLoad,max = 15 pF
fmax
Highest output frequency
CLoad,max = 15 pF
100
MHz
CLoad
Load capacitance
15
pF
At VDD/2, 20 MHz
≤ freq ≤ 80
45%
50%
55%
MHz
odc
Output duty cycle
At VDD/2, 80 MHz < freq
≤
40%
50%
60%
100MHz
SDATA/EN TIMING
fSDATACLK
Repeat frequency of programming
200
kHz
t1
LOW signal: high-pulse duration
0.5
1
1.2
µs
LOW signal: low-pulse duration while entering programming sequence
3.8
4
4.2
t2
µs
LOW signal: low-pulse duration while programming bits
3.8
t3
HIGH signal: high-pulse duration
3.8
4
4.5
µs
HIGH signal: low-pulse duration while entering programming sequence
0.5
1
1.2
t4
µs
HIGH signal: low-pulse duration while programming bits
0.5
t5
Time delay between SDATA signal and SDATA_Delayed signal at VDD = 3.3 V
1.5
2.5
3.5
µs
t6
Time between bits during enter programming mode and enter read-back mode
10
30
µs
beyond which a time-out must occur
t7
EN high time before first SDATA can be clocked in
60
µs
t8
EN low time before first SDATA bit is clocked in
2
10
µs
tr/tf
Rise and fall time from 20% to 80% of VDD
1
15
ns
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com