Electronic Components Datasheet Search
  English  ▼

X  

CDCE401 Datasheet(PDF) 15 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE401 Datasheet HTML 11Page - Texas Instruments CDCE401 Datasheet HTML 12Page - Texas Instruments CDCE401 Datasheet HTML 13Page - Texas Instruments CDCE401 Datasheet HTML 14Page - Texas Instruments CDCE401 Datasheet HTML 15Page - Texas Instruments CDCE401 Datasheet HTML 16Page - Texas Instruments CDCE401 Datasheet HTML 17Page - Texas Instruments CDCE401 Datasheet HTML 18Page - Texas Instruments CDCE401 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
CRYSTAL OSCILLATOR LEVEL CONVERSION
XIN
OG[1:0]
OG[1:0]
OP[2:0]
EN
FOUT
XOUT
VSS
OscillatorCaseWith4Pins
CXOUT
C
BASE
CXOUT
C
BASE
Var
C
BASE
Var
C
BASE
C
L
C
L
CXO[7:0]
Read-Back
Mode
CXI[7:0]
Oscillator
Gain
Stage
EEPROM
and
Control
Logic
SDATA
ENand
SDATA
2MW
VDD
Divider
P
Bias
+
–
M
U
X
2MW
B0027-04
C
=
15pF
LOAD
C
=100nF
Filter
VSUPPLY
2.25V – 3.3V
CDCE401
SCAS820 – JUNE 2006
Figure 7. Crystal Oscillator Application at 40 MHz in a 4-Pin Oscillator Case
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Phase noise specifications under following assumptions:
Crystal with f = 40 MHz (LS = 10.534 mH, CS = 2.208 pF, CP = 0.551 pF) and post-divider ×1
phn10
Phase noise at 10 Hz
VDD = 2.5 V
–70
dBc/Hz
phn100
Phase noise at 100 Hz
VDD = 2.5 V
–100
dBc/Hz
phn1k
Phase noise at 1 kHz
VDD = 2.5 V
–130
dBc/Hz
phn10k
Phase noise at 10 kHz
VDD = 2.5 V
–145
dBc/Hz
phn100k
Phase noise at 100 kHz
VDD = 2.5 V
–150
dBc/Hz
phn1M
Phase noise at 1 MHz
VDD = 2.5 V
–150
dBc/Hz
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com