Electronic Components Datasheet Search
  English  ▼

X  

B41695 Datasheet(PDF) 9 Page - EPCOS

Part # B41695
Description  Axial-Lead and Soldering Star Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41695 Datasheet(HTML) 9 Page - EPCOS

Back Button B41695 Datasheet HTML 2Page - EPCOS B41695 Datasheet HTML 3Page - EPCOS B41695 Datasheet HTML 4Page - EPCOS B41695 Datasheet HTML 5Page - EPCOS B41695 Datasheet HTML 6Page - EPCOS B41695 Datasheet HTML 7Page - EPCOS B41695 Datasheet HTML 8Page - EPCOS B41695 Datasheet HTML 9Page - EPCOS B41695 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
323 10/02
B41695 / B41795
Compact – Up to 150 °C
Frequency factor of permissible
ripple current
I~
versus frequency
f
Frequency characteristics of
ESR
at different temperatures
Typical behavior
Equivalent series resistance
ESR
versus frequency at different temperatures
Typical behavior for 2 200
µF/40 V
Impedance Z
versus frequency
f at different temperatures
Typical behavior for 2 200
µF/40 V
10
f
KAL0630-8
0
B41695/795
2
510 3
Hz 10 4
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,2
Ι
Ι~
10 kHz
f
~
ø [mm] 12 14
18
16
R
U
40 VDC
63 VDC
cc b b
dd c c
25 VDC
b b a a
c
d
b
a
5
10 1
f
KAL0629-5
0
510 2
510 3
10
Hz
4
85 ˚C
20 ˚C
40 ˚C
_
125 ˚C
B41695/795
0,5
1,0
1,5
2,0
2,5
3,0
4,0
ESR
10 kHz
ESR
f
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0628-W
10 1
_
10 2
_
10 0
10 1
Ω
5
5
B41695/795
_40 ˚C
_25 ˚C
20 ˚C
_
> 60 ˚C
ESR
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0627-N
10 1
_
Z
10 2
_
10 0
10 1
Ω
5
5
B41695/795
40 ˚C
_
25 ˚C
_
20 ˚C
> 60 ˚C
_



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com