Electronic Components Datasheet Search
  English  ▼

X  

B41695 Datasheet(PDF) 5 Page - EPCOS

Part # B41695
Description  Axial-Lead and Soldering Star Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41695 Datasheet(HTML) 5 Page - EPCOS

  B41695 Datasheet HTML 1Page - EPCOS B41695 Datasheet HTML 2Page - EPCOS B41695 Datasheet HTML 3Page - EPCOS B41695 Datasheet HTML 4Page - EPCOS B41695 Datasheet HTML 5Page - EPCOS B41695 Datasheet HTML 6Page - EPCOS B41695 Datasheet HTML 7Page - EPCOS B41695 Datasheet HTML 8Page - EPCOS B41695 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
319 10/02
B41695 / B41795
Compact – Up to 150 °C
Overview of available types
Case dimensions and ordering codes
UR (VDC)
25
40
63
CR (µF)
Case dimensions
d
× l (mm)
220
12
× 30
470
12
× 30
16
× 30
680
12
× 30
1 000
14
× 25
16
× 30
18
× 39
2 200
18
× 30
18
× 39
UR
VDC
CR
µF
Case dim.
d
× l
mm
Ordering code
Axial
pallet package
Axial
reel
Soldering star
25
680
12
× 30
B41695A5687Q007
B41695A5687Q009
B41795A5687Q000
1 000
14
× 25
B41695A5108Q007
B41695A5108Q009
B41795A5108Q000
2 200
18
× 30
B41695A5228Q007
B41795A5228Q000
40
470
12
× 30
B41695A7477Q007
B41695A7477Q009
B41795A7477Q000
1 000
16
× 30
B41695A7108Q007
B41695A7108Q009
B41795A7108Q000
2 200
18
× 39
B41695A7228Q007
B41795A7228Q000
63
220
12
× 30
B41695A8227Q007
B41695A8277Q009
B41795A8227Q000
470
16
× 30
B41695A8477Q007
B41695A8477Q009
B41795A8477Q000
1 000
18
× 39
B41695A8108Q007
B41795A8108Q000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com