Electronic Components Datasheet Search
  English  ▼

X  

PHN205 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHN205
Description  Dual N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN205 Datasheet(HTML) 4 Page - NXP Semiconductors

  PHN205 Datasheet HTML 1Page - NXP Semiconductors PHN205 Datasheet HTML 2Page - NXP Semiconductors PHN205 Datasheet HTML 3Page - NXP Semiconductors PHN205 Datasheet HTML 4Page - NXP Semiconductors PHN205 Datasheet HTML 5Page - NXP Semiconductors PHN205 Datasheet HTML 6Page - NXP Semiconductors PHN205 Datasheet HTML 7Page - NXP Semiconductors PHN205 Datasheet HTML 8Page - NXP Semiconductors PHN205 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Oct 22
4
Philips Semiconductors
Product specification
Dual N-channel enhancement mode
MOS transistor
PHN205
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
150
MGG340
8
6
2
0
4
Ptot
(W)
Ts (°C)
δ = 0.01; Ts =80 °C.
(1) RDSon limitation.
Fig.3 SOAR.
handbook, halfpage
102
1
10
10−1
MGG341
10−1
110
102
VDS (V)
ID
(A)
10
µs
1 ms
DC
100 ms
10 ms
100
µs
(1)
tp =
tp
tp
T
P
t
T
δ =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com