Electronic Components Datasheet Search
  English  ▼

X  

MAX3085ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3085ESA
Description  Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3085ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 9Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 10Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
_______________________________________________________________________________________
7
300
-60
100
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
350
325
525
TEMPERATURE (°C)
40
450
425
375
400
060
500
475
-40 -20
20
80
A: MAX3086–MAX3088,
MAX3089 WITH
SRL = GND
B: MAX3080–MAX3085,
MAX3089 WITH
SRL = OPEN OR VCC
A
A
B
DE = VCC
DE = GND
B
0
10
05
OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
20
60
OUTPUT LOW VOLTAGE (V)
3
40
30
2
50
14
0
5
05
OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
10
30
OUTPUT HIGH VOLTAGE (V)
3
20
15
2
25
14
0
2
-60
100
SHUTDOWN CURRENT
vs. TEMPERATURE
4
6
20
TEMPERATURE (°C)
40
12
14
10
8
060
16
18
-40 -20
20
80
0.10
0.15
-60
80
100
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
0.20
0.50
TEMPERATURE (°C)
20
0.40
0.35
0.30
0.25
040
0.45
-40
-20
60
IRO = 8mA
3.8
3.9
-60
80
100
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
4.0
4.5
TEMPERATURE (°C)
20
4.3
4.2
4.1
040
4.4
-40
-20
60
IRO = 8mA
115
-60
100
RECEIVER PROPAGATION DELAY
(500kbps MODE) vs. TEMPERATURE
120
140
TEMPERATURE (°C)
40
130
125
060
135
-40 -20
20
80
CLOAD = 100pF
94
-60
100
RECEIVER PROPAGATION DELAY
(10Mbps MODE) vs. TEMPERATURE
98
96
112
TEMPERATURE (°C)
40
106
104
100
102
060
110
108
-40 -20
20
80
CLOAD = 100pF
1.90
-60
100
DRIVER PROPAGATION DELAY
(115kbps MODE) vs. TEMPERATURE
1.95
2.20
TEMPERATURE (
°C)
40
2.10
2.00
2.05
060
2.15
-40
-20
20
80
Rt = 54
Ω
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com