Electronic Components Datasheet Search
  English  ▼

X  

MAX3085ESA Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX3085ESA
Description  Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085ESA Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX3085ESA Datasheet HTML 12Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 13Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 14Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 15Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 16Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 17Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 18Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 19Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20
____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
Figure 22. Typical Full-Duplex RS-485 Network
120
Ω
120
Ω
R
D
RO
RE
DE
DI
A
B
Y
120
Ω
120
Ω
DI
DI
DI
RO
RO
RO
DE
DE
DE
RE
RE
RE
Z
Z
Z
Z
Y
Y
Y
AA
A
BB
B
D
D
D
R
R
R
MAX3080
MAX3081
MAX3083
MAX3084
MAX3086
MAX3087
MAX3089 (FULL-DUPLEX)
NOTE: RE AND DE ON MAX3080/MAX3083/MAX3086/MAX3089 ONLY.
8 Plastic DIP
-40°C to +85°C
MAX3085EPA
14 SO
-40°C to +85°C
MAX3083ESD
14 Plastic DIP
0°C to +70°C
MAX3083CPD
14 SO
0°C to +70°C
MAX3083CSD
8 Plastic DIP
-40°C to +85°C
MAX3082EPA
8 SO
-40°C to +85°C
MAX3082ESA
8 Plastic DIP
0°C to +70°C
MAX3082CPA
8 SO
0°C to +70°C
MAX3082CSA
8 Plastic DIP
-40°C to +85°C
MAX3081EPA
8 SO
-40°C to +85°C
MAX3081ESA
8 Plastic DIP
0°C to +70°C
MAX3081CPA
8 SO
0°C to +70°C
MAX3081CSA
PIN-PACKAGE
TEMP RANGE
PART
14 Plastic DIP
-40°C to +85°C
MAX3083EPD
8 SO
0°C to +70°C
MAX3084CSA
8 Plastic DIP
0°C to +70°C
MAX3084CPA
8 SO
-40°C to +85°C
MAX3084ESA
8 Plastic DIP
-40°C to +85°C
MAX3084EPA
8 SO
0°C to +70°C
MAX3085CSA
8 Plastic DIP
0°C to +70°C
MAX3085CPA
8 SO
-40°C to +85°C
MAX3085ESA
Ordering Information (continued)
14 SO
0°C to +70°C
MAX3086CSD
14 Plastic DIP
-40°C to +85°C
MAX3089EPD
14 SO
-40°C to +85°C
MAX3089ESD
14 Plastic DIP
0°C to +70°C
MAX3089CPD
14 SO
0°C to +70°C
MAX3089CSD
8 Plastic DIP
-40°C to +85°C
MAX3088EPA
8 SO
-40°C to +85°C
MAX3088ESA
8 Plastic DIP
0°C to +70°C
MAX3088CPA
8 SO
0°C to +70°C
MAX3088CSA
8 Plastic DIP
-40°C to +85°C
MAX3087EPA
8 SO
-40°C to +85°C
MAX3087ESA
8 Plastic DIP
0°C to +70°C
MAX3087CPA
8 SO
0°C to +70°C
MAX3087CSA
14 Plastic DIP
-40°C to +85°C
MAX3086EPD
14 SO
-40°C to +85°C
MAX3086ESD
14 Plastic DIP
0°C to +70°C
MAX3086CPD
PIN-PACKAGE
TEMP RANGE
PART
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com