Electronic Components Datasheet Search
  English  ▼

X  

SC101161DT Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # SC101161DT
Description  Device User Guide
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC101161DT Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button SC101161DT Datasheet HTML 119Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 120Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 121Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 122Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 123Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 124Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 125Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 126Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
123
Freescale Semiconductor
And finally the frequency relationship is defined as
With the above values the resistance can be calculated. The example is shown for a loop bandwidth
fC=10KHz:
The capacitance Cs can now be calculated as:
The capacitance Cp should be chosen in the range of:
A.5.3.2 Jitter Information
The basic functionality of the PLL is shown in Figure A-3. With each transition of the clock fcmp, the
deviation from the reference clock fref is measured and input voltage to the VCO is adjusted
accordingly.The adjustment is done continuously with no abrupt changes in the clock output frequency.
Noise, voltage, temperature and other factors cause slight variations in the control loop resulting in a clock
jitter. This jitter affects the real minimum and maximum clock periods as illustrated in Figure A-4.
n
f
VCO
f
ref
-------------
2
synr
1
+
()
⋅
==
= 50
R
2
π nf
C
⋅⋅ ⋅
KΦ
-----------------------------
=
= 2*
π*50*10kHz/(316.7Hz/Ω)=9.9kΩ =~ 10kΩ
C
s
2
ζ
2
⋅
π f
C R
⋅⋅
----------------------
0.516
f
C R
⋅
---------------
ζ 0.9
=
()
;
≈
=
= 5.19nF =~ 4.7nF
C
s 20
⁄
C
p
C
s 10
⁄
≤≤
Cp = 470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com