Electronic Components Datasheet Search
  English  ▼

X  

S12MSCANV2/D Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # S12MSCANV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 23Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 24Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 25Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 26Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 27Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 28Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 29Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 30Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
Figure 1-3 MC9S12H256 Memory Map
Table 1-2 and Figure 1-4 show the device memory map of the MC9S12H128.
Table 1-2 Device Memory Map MC9S12H128
Address
Module
Size
(Bytes)
$0000 – $0017
CORE (Ports A, B, E, Modes, Inits, Test)
24
$0018 – $0019
Reserved
2
$001A – $001B
Device ID register (PARTID)
2
$001C – $001F
CORE (MEMSIZ, IRQ, HPRIO)
4
$0020 – $0027
Reserved
8
$0028 – $002F
CORE (Background Debug Mode)
8
$0030 – $0033
CORE (PPAGE, Port K)
4
$0034 – $003F
Clock and Reset Generator (PLL, RTI, COP)
12
$0040 – $006F
Standard Timer Module 16-bit 8 channels (TIM)
48
$0070 – $007F
Reser
16
$0080 – $00AF
Analog to Digital Con
ter 10-bit 16 channels (ATD)
48
$00B0 – $00BF
Reser
16
$00C0 – $00C7
Inter Integ
8
$0000
$FFFF
$C000
$8000
$4000
$0400
$0800
$1000
$FF00
EXT
NORMAL
SINGLE CHIP
EXPANDED*
SPECIAL
SINGLE CHIP
VECTORS
VECTORS
VECTORS
$FF00
$FFFF
BDM
(If Active)
$C000
$FFFF
16K Fixed Flash EEPROM
2K, 4K, 8K or 16K Protected Boot Sector
$8000
$BFFF
16K Page Window
Sixteen * 16K Flash EEPROM Pages
$4000
$7FFF
16K Fixed Flash EEPROM
0.5K, 1K, 2K or 4K Protected Sector
$1000
$3FFF
$0000
$0FFF
4K Bytes EEPROM
Mappable to any 4K Boundary
$0000
$03FF
1K Register Space
Mappable to any 2K Boundary
Mappable to any 16K Boundary
12K Bytes RAM
Alignable to top ($1000 – $3FFF)
or bottom ($0000 – $2FFF)
initially overlapped by register space
* Assuming that a ‘0’ was driven onto port K7 during reset to normal expanded mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com