Electronic Components Datasheet Search
  English  ▼

X  

S12MSCANV2/D Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # S12MSCANV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 51Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 52Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 53Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 54Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 55Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 56Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 57Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 58Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
Section 2 Signal Description
This section describes signals that connect off-chip. It includes a pinout diagram, a table of signal
properties, and detailed discussion of signals. It is built from the signal description sections of the Block
User Guides of the individual IP blocks on the device.
2.1 Device Pinout
The MC9S12H256 is available in a 112-pin and 144-pin quad flat pack (LQFP), the MC9S12H128 is
available in a 112-pin quad flat pack (LQFP). Most pins perform two or more functions, as described in
the Signal Descriptions. Figure 2-1 and Figure 2-2 show the pin assignments.
NOTE:
In expanded narrow modes the lower byte data is multiplexed with higher byte data
through pins 64-71 on the 112-pin LQFP or through pins 111-118 on the 144-pin
LQFP version.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com