Electronic Components Datasheet Search
  English  ▼

X  

1409005 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1409005
Description  NBC-R4ACR/10,0-93B/R4ACR - Patch cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1409005 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1409005 Datasheet HTML 1Page - PHOENIX CONTACT 1409005 Datasheet HTML 2Page - PHOENIX CONTACT 1409005 Datasheet HTML 3Page - PHOENIX CONTACT 1409005 Datasheet HTML 4Page - PHOENIX CONTACT 1409005 Datasheet HTML 5Page - PHOENIX CONTACT 1409005 Datasheet HTML 6Page - PHOENIX CONTACT 1409005 Datasheet HTML 7Page - PHOENIX CONTACT 1409005 Datasheet HTML 8Page - PHOENIX CONTACT 1409005 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ni/Au (Contact surface)
PA (Contact carriers)
Material
PA (Housing)
Insertion/withdrawal cycles
≥ 750
Degree of protection
IP20
Ambient temperature (operation)
-25 °C ... 80 °C
Connection 2
Type
Plug angled RJ45
Shielded
yes
Handle color
black
CuSn (Contact)
Ni/Au (Contact surface)
PA (Contact carriers)
Material
PA (Housing)
Insertion/withdrawal cycles
≥ 750
Degree of protection
IP20
Ambient temperature (operation)
-25 °C ... 80 °C
Cable/line
Cable length
10.00 m
PROFINET PVC stranded CAT5 [93B]
Dimensional drawing
Note
Minimum bending radius 4 x D
Shielded
yes
Cable type
PROFINET PVC stranded CAT5
Cable type (abbreviation)
93B
Signal type/category
PROFINET CAT5 (IEC 11801:2002), 100 Mbps
Cable structure
1x4xAWG22/7, SF/TQ
External cable diameter
6.5 mm
Outer sheath, material
PVC
External sheath, color
green RAL 6018
Conductor material
Tin-plated Cu litz wires
Conductor structure signal line
7x 0.25 mm
AWG signal line
22
Conductor cross section
4x 0.34 mm²
Wire diameter incl. insulation
approx. 1.5 mm
NBC-R4ACR/10,0-93B/R4ACR - Patch cable
1409005
https://www.phoenixcontact.com/us/products/1409005
Jan 16, 2024, 4:01 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com