Electronic Components Datasheet Search
  English  ▼

X  

1409005 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1409005
Description  NBC-R4ACR/10,0-93B/R4ACR - Patch cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1409005 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1409005 Datasheet HTML 1Page - PHOENIX CONTACT 1409005 Datasheet HTML 2Page - PHOENIX CONTACT 1409005 Datasheet HTML 3Page - PHOENIX CONTACT 1409005 Datasheet HTML 4Page - PHOENIX CONTACT 1409005 Datasheet HTML 5Page - PHOENIX CONTACT 1409005 Datasheet HTML 6Page - PHOENIX CONTACT 1409005 Datasheet HTML 7Page - PHOENIX CONTACT 1409005 Datasheet HTML 8Page - PHOENIX CONTACT 1409005 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Patch cable, degree of protection: IP20, cable length: 10 m, number of positions: 4, 100 Mbps,
CAT5, PROFINET
Your advantages
Compact angle
•
Perfect for industrial applications
•
PVC cable for flexible installations
•
Worldwide approval with CE, UL, WEEE, and EAC
•
Secure connection and disconnection with reliable locking clip protection
•
Ideal EMC properties, thanks to 360° shielding
•
Simultaneous power transmission with PoE++
•
Resistant to shock and vibrations, thanks to robust molding
•
High-speed data transmission with up to 1 Gbps (CAT5)
•
Commercial data
Item number
1409005
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB11
Product key
ABNABA
Catalog page
Page 396 (C-2-2019)
GTIN
4046356857208
Weight per piece (including packing)
696 g
Weight per piece (excluding packing)
664.2 g
Customs tariff number
85444210
Country of origin
PL
NBC-R4ACR/10,0-93B/R4ACR - Patch cable
1409005
https://www.phoenixcontact.com/us/products/1409005
Jan 16, 2024, 4:01 AM
Page 1 (9)


Similar Part No. - 1409005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409002 PHOENIX-1409002 Datasheet
370Kb / 9P
NBC-R4ACR/1,0-93B/R4ACR - Patch cable
1409003 PHOENIX-1409003 Datasheet
370Kb / 9P
NBC-R4ACR/2,0-93B/R4ACR - Patch cable
1409004 PHOENIX-1409004 Datasheet
370Kb / 9P
NBC-R4ACR/5,0-93B/R4ACR - Patch cable
1409008 PHOENIX-1409008 Datasheet
57Kb / 3P
Housing - HC-ADV-B24-CHFH-1TTM40-EEE
More results

Similar Description - 1409005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407508 PHOENIX-1407508 Datasheet
198Kb / 14P
Network cable - NBC-MSD/ 1,0-93B/R4ACR SCO
09/11/2020
1113216 PHOENIX-1113216 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/10,0-93B/R4ACB
1407511 PHOENIX-1407511 Datasheet
682Kb / 18P
NBC-M12MSD/10,0-93B/R4ACR - Network cable
1407510 PHOENIX-1407510 Datasheet
685Kb / 18P
NBC-M12MSD/ 5,0-93B/R4ACR - Network cable
1407509 PHOENIX-1407509 Datasheet
687Kb / 19P
NBC-M12MSD/ 2,0-93B/R4ACR - Network cable
1407539 PHOENIX-1407539 Datasheet
686Kb / 18P
NBC-M12FSD/10,0-93B/R4ACR - Network cable
1407536 PHOENIX-1407536 Datasheet
688Kb / 19P
NBC-M12FSD/ 1,0-93B/R4ACR - Network cable
1413493 PHOENIX-1413493 Datasheet
465Kb / 10P
NBC-FSDBPS/0,33-93B/R4ACR - Patch cable
1247652 PHOENIX-1247652 Datasheet
344Kb / 11P
NBC-R4ACS-R4ACR-PN4/.../... - Patch cable
1407538 PHOENIX-1407538 Datasheet
685Kb / 18P
NBC-M12FSD/ 5,0-93B/R4ACR - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com