Electronic Components Datasheet Search
  English  ▼

X  

MSE570 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MSE570
Description  Bipolar Stepper Motor Drive Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSE570 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MSE570 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MSE570 data sheet
Page 5 of 5
Issue 002
Oscillator operation
The normal method of oscillator operation is as follows:
1. The oscillator is started at the base speed by
switching the run switch on with the base/high speed
switch set to base. This base speed is a frequency
offset and should be chosen to be safely within the
pull-in capability of the motor/drive combination, and
ideally above the resonant frequency range. This
base speed is defined by C-freq and the setting of
VR1.
2. The high speed may be selected by switching the
base/high speed switch to high. The oscillator will
then ramp up to the high speed. This high speed is
set by VR2, whose range is defined by R-freq and
C-freq. The ramp rate is determined by the time
constant of R27 (100K
Ω) and C-ramp.
3. The oscillator may then be slowed back down to the
base speed by switching the base/high speed back
to base.
4. When the speed has dropped down to the base
setting the oscillator may be inhibited by switching
the run switch off. The motor should only be started,
stopped or have a direction change whilst at the base
speed.
Base speed
High speed
13
24
Component selection
The following components need to be soldered onto the
PCB:
IC8
CD4046 CMOS PLL IC (used as VCO)
R-freq
resistor
1K
Ω-1MΩ
(typ 5.6K
Ω)
C-freq
capacitor
>100pF
(typ 10nF)
C-ramp
capacitor
(typ 10
µF)
P3
optional molex connector if using front panel
controls
The following external components are required to
complete the oscillator:
VR1
pot
0 - 1M
Ω
(typ 1 M
Ω)
VR2
pot
1 K
Ω
First determine the base speed and the maximum high
speed you wish to obtain.
Using the graph below select a value for C-freq for the
chosen pot VR1
100K
100p
1
10
100
1K
10K
1
µ
100n
10n
1n
C-freq (F)
Required base speed (Hz)
VR1=100K
Ω
VR1=1M
Ω
VR1=0
Ω
Then from the ratio of the maximum running speed to
the base speed, use the following graph to select
R-freq.
100
0.1
1
10
100
10
1
VR1+10K
Ω/R-freq
Max speed/base speed
Caution!
1. SERIOUS DAMAGE WILL OCCUR if any motor lead
is connected or becomes disconnected whilst the
drive is energised.
2. The drive board should always be mounted such that
the heatsink fins are vertical i.e. with the board on
edge, and adequate clearance be given top and
bottom i.e. 25 mm minimum. When rack mounting
the board there should be at least a 15 mm
clearance between the heatsink and an adjacent
board. If the airflow around the unit is restricted, then
force air cooling should be employed.
3. When using the drive at high ambient temperatures
or at slow speeds or at standstill, whilst at high
current settings, it will prove advantageous to employ
forced air cooling.
4. Motor and power supply connections should be
made with at least 32/0.2 mm wire due to the high
peak currents flowing. All other control wiring may
use 7/0.2 mm.
5. Good engineering practices should be employed in
the commissioning of this product and should be
made to adhere to all relevant regulations.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com