Electronic Components Datasheet Search
  English  ▼

X  

MSE570 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSE570
Description  Bipolar Stepper Motor Drive Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSE570 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSE570 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSE570 data sheet
Page 1 of 5
Issue 002
MSE570 Bipolar Stepper
Motor Drive Board
Data Sheet
Specifications
Bipolar stepper motor drive with optional thermal
protection and on board oscillator.
Electrical
Motor supply:
+15 to +36Vdc (+10% max.) smoothed unregulated.
Logic supply:
+15 to +24Vdc (+10% max.) smoothed unregulated.
Note: the motor and logic may share the same power
supply up to +24V or up to +36V if a suitable dropper
resistor is fitted in the logic supply line.
Auxiliary outputs (available for external circuitry):
+12V regulated 50mA maximum
+5V regulated 50mA maximum
Motor drive output:
Bipolar chopped constant current with overload
protection. Suitable for driving hybrid or permanent
magnet stepper motors with 4,6 or 8 leads.
Maximum output current 3.5A per phase.
Output current set by on-board DIP switches or external
programming resistor.
Control inputs:
CMOS schmitt trigger inputs operating at +12V with
10K
Ω pull-up resistors and diode isolation.
Logic 0 (low) - 0V to +2V or contact closure to 0V.
Logic 1 (high) - +9V to +30V maximum or open circuit.
Monitor outputs:
Open collector NPN transistor, referenced to 0V.
Low level - +1V maximum at 30mA maximum.
High level - open circuit +24V dc maximum.
Mechanical and physical
Card size:
Eurocard format 160 mm long x 100 mm wide x 62 mm
high.
Weight:
700g approximately.
Connector:
32 way a & c DIN41612 type D.
Operating temperature range:
0
°C to 40°C maximum ambient.
External connections
External connections are made via a 32 way a & c
DIN41612 type D connector.
The MSE562 is a suitable power supply unit to power up
to two MSE570 drives.
20
18
16
14
12
10
8
6
4
2
ca
Sync input/output
32
30
28
26
24
22
Step pulse input
Direction (CW/CCW)
Home output
Phase A’ output
Motor supply (+15V to +36Vdc)
Phase A output
Phase B’ output
Phase B output
Current program input
Output disable input
Reset input
Full/half step input
Overtemperature output
Overload output
VCO run/stop input
VCO base speed input
VCO pulse output
VCO speed control input
0V common
Logic supply (+15 to +24Vdc)
Auxiliary +12V output (50mA maximum)
Auxiliary +5V output (50mA maximum)
where
fitted
If using common
supplies (
≤24V)
Supplies
Pins 2 a & c
Motor supply input. Should be smoothed unregulated
between +15V and +36V maximum.
Pins 28 a & c
Logic supply input. Should be smoothed unregulated
between +15V and +24V maximum.
Pins 30 a & c, 32 a & c
0V common.


Similar Part No. - MSE570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSE570 ETC2-MSE570 Datasheet
99Kb / 4P
Amp Bi-polar stepper motor drive
logo
Mclennan Servo Supplie...
MSE570-EVO2 MCLENNAN-MSE570-EVO2 Datasheet
326Kb / 6P
3.5 Amp Bi-polar stepper motor drive
MSE570M MCLENNAN-MSE570M Datasheet
541Kb / 2P
MSE570M 4.0 A Microstepping Bipolar Stepper Motor Drive
MSE570M-PM542 MCLENNAN-MSE570M-PM542 Datasheet
56Kb / 4P
2 Amp Bi-polar drive module
More results

Similar Description - MSE570

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-D200 STMICROELECTRONICS-GS-D200 Datasheet
183Kb / 17P
2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
Jun-1994
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
STEPPER MOTOR DRIVE CIRCUIT
logo
STMicroelectronics
SPMD250STP STMICROELECTRONICS-SPMD250STP Datasheet
1,002Kb / 29P
2.5 A bipolar stepper motor drive module
23-Jan-2007
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
Stepper Motor Drive Circuit
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
STEVAL-SPMD150V2 STMICROELECTRONICS-STEVAL-SPMD150V2 Datasheet
98Kb / 4P
1.5 A bipolar stepper motor drive module (SPMD150STP) demonstration board
November 2010 Rev 1
STEVAL-SPMD250V2 STMICROELECTRONICS-STEVAL-SPMD250V2 Datasheet
96Kb / 4P
1.5 A bipolar stepper motor drive module (SPMD150STP) demonstration board
November 2010 Rev 1
logo
Monolithic Power System...
EV6507GF-00A MPS-EV6507GF-00A Datasheet
322Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6507GQ-00A MPS-EV6507GQ-00A Datasheet
301Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6509GF-00A MPS-EV6509GF-00A Datasheet
351Kb / 7P
1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com