Electronic Components Datasheet Search
  English  ▼

X  

DSP56F802 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Serial Communication Interface (SCI) Timing
56F802 Technical Data, Rev. 9
Freescale Semiconductor
27
3.8 Serial Communication Interface (SCI) Timing
Figure 3-11 RXD Pulse Width
Figure 3-12 TXD Pulse Width
Table 3-12 SCI Timing4
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF
Characteristic
Symbol
Min
Max
Unit
Baud Rate1
1. fMAX is the frequency of operation of the system clock in MHz.
BR
—
(fMAX*2.5)/(80)
Mbps
RXD2 Pulse Width
2. The RXD pin in SCI0 is named RXD0 and the RXD pin in SCI1 is named RXD1.
RXDPW
0.965/BR
1.04/BR
ns
TXD3 Pulse Width
3. The TXD pin in SCI0 is named TXD0 and the TXD pin in SCI1 is named TXD1.
4. Parameters listed are guaranteed by design.
TXDPW
0.965/BR
1.04/BR
ns
RXD
SCI receive
data pin
(Input)
RXDPW
TXD
SCI receive
data pin
(Input)
TXDPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com