Electronic Components Datasheet Search
  English  ▼

X  

DSP56F802 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
56F802 Technical Data, Rev. 9
32
Freescale Semiconductor
Table 4-1 56F802 Pin Identification by Pin Number
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1
PWMA4
9
TCS
17
VDDA
25
ANA4
2
PWMA5
10
TCK
18
VSSA
26
ANA6
3
TD1
11
TMS
19
VDD
27
ANA7
4
TD2
12
TDI
20
VSS
28
PWMA0
5
TXDO
13
VCAPC2
21
FAULTA0
29
VCAPC1
6
VSS
14
TDO
22
ANA2
30
PWMA1
7
VDD
15
TRST
23
VREF
31
PWMA2
8
RXD0
16
RESET
24
ANA3
32
PWMA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com