Electronic Components Datasheet Search
  English  ▼

X  

D2KB05 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # D2KB05
Description  2.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

D2KB05 Datasheet(HTML) 3 Page - Won-Top Electronics

  D2KB05 Datasheet HTML 1Page - Won-Top Electronics D2KB05 Datasheet HTML 2Page - Won-Top Electronics D2KB05 Datasheet HTML 3Page - Won-Top Electronics D2KB05 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
3
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
365 x 29 x 6
25
382 x 152 x 94
1,500
390 x 312 x 200
6,000
23.0
D2KB05 – D2KB100
WON-TOP ELECTRONICS
®
Note: 1. Anti-static tube, water clear color.
BULK
D2KBxx
D2KBxx
= Device Number
xx
= 05, 10, 20, 40, 60, 80, 100
Polarity
= As Marked on Body
+
~
~
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com