Electronic Components Datasheet Search
  English  ▼

X  

D2KB05 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # D2KB05
Description  2.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

D2KB05 Datasheet(HTML) 1 Page - Won-Top Electronics

  D2KB05 Datasheet HTML 1Page - Won-Top Electronics D2KB05 Datasheet HTML 2Page - Won-Top Electronics D2KB05 Datasheet HTML 3Page - Won-Top Electronics D2KB05 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
1
Pb
Features
Compact Package 3.1mm Case Thickness
Glass Passivated Die Construction
Low Forward Voltage Drop
High Forward Current Capability
High Reliability
High Surge Current Capability
Ideal for Printed Circuit Boards
Mechanical Data
Case: D3K, Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 1.5 grams (approx.)
Marking: Type Number
Mounting Position: Any
Mounting Torque: 0.8 N.m Max.
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
D2KB
05
D2KB
10
D2KB
20
D2KB
40
D2KB
60
D2KB
80
D2KB
100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 140°C
Average Rectified Output Current (Note 2) @TC = 25°C
IO
2.0
1.2
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
60
A
I
2t Rating for Fusing (t < 8.3ms)
I
2t
15
A
2s
Forward Voltage per leg
@IF = 1.0A
VFM
1.05
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
Thermal Resistance Junction to Lead (Note 2)
Thermal Resistance Junction to Case (Note 1)
RθJL
RθJC
15
1.5
°C/W
RMS Isolation Voltage Terminals to Case, t = 1 min
VISO
2000
V
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Mounted on FR-4 PCB with Al. heatsink.
2. Mounted on FR-4 PCB without heatsink.
D2KB05 – D2KB100
2.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
WON-TOP ELECTRONICS
®
D3K
Dim
Min
Max
A
13.30
14.30
B
10.30
11.30
C
13.10
13.50
D
6.40
7.40
E
4.50
6.10
G
1.05
1.45
H
0.60
0.85
J
2.60
3.60
K
3.10
3.40
L
2.00
2.20
M
0.40
0.60
P
3.70
3.90
All Dimensions in mm
D
A
E
B
C
G
PP
P
H
J
K
M
L
+
~
~
-


Similar Part No. - D2KB05

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
D2KB05 GWSEMI-D2KB05 Datasheet
71Kb / 2P
BR1005 BR101 BR102 BR104 BR106 BR108 BR1010
logo
Bytesonic Electronics C...
D2KB05 BYTESONIC-D2KB05 Datasheet
131Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/3/23
logo
Zibo Seno Electronic En...
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
D2KB05 ZSELEC-D2KB05 Datasheet
104Kb / 2P
2.0A BRIDGE RECTIFIER
logo
Guangdong Huixin Electr...
D2KB05 HUIXIN-D2KB05 Datasheet
136Kb / 2P
Single Phase 2.0Amp Glass passivated Bridge Rectifiers
More results

Similar Description - D2KB05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2KBP005M WTE-2KBP005M_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G WTE-2W005G Datasheet
48Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 WTE-GBP200 Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Gulf Semiconductor
2KBP08M-E GULFSEMI-2KBP08M-E Datasheet
117Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:2.0A
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF22 DYELEC-ABF22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Unisonic Technologies
ABS22 UTC-ABS22 Datasheet
169Kb / 4P
SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
2017
logo
SMC Diode Solutions Co....
UG2KB05 SMCDIODE-UG2KB05 Datasheet
377Kb / 5P
Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com