Electronic Components Datasheet Search
  English  ▼

X  

PHP206 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHP206
Description  Dual P-channel enhancement mode MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP206 Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP206 Datasheet HTML 1Page - NXP Semiconductors PHP206 Datasheet HTML 2Page - NXP Semiconductors PHP206 Datasheet HTML 3Page - NXP Semiconductors PHP206 Datasheet HTML 4Page - NXP Semiconductors PHP206 Datasheet HTML 5Page - NXP Semiconductors PHP206 Datasheet HTML 6Page - NXP Semiconductors PHP206 Datasheet HTML 7Page - NXP Semiconductors PHP206 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Feb 05
3
Philips Semiconductors
Objective specification
Dual P-channel enhancement mode
MOS transistor
PHP206
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Ts is the temperature at the soldering point of the drain lead.
2. Pulse width and duty cycle limited by maximum junction temperature.
3. Maximum permissible dissipation per MOS transistor. Both devices may be loaded up to 3.5 Watt at the same time.
4. Maximum permissible dissipation per MOS transistor. Device mounted on printed-circuit board with an Rth a-tp
(ambient to tie-point) of 27.5 K/W.
5. Maximum permissible dissipation per MOS transistor. Device mounted on printed-circuit board with an Rth a-tp
(ambient to tie-point) of 90 K/W.
6. Maximum permissible dissipation if only one MOS transistor dissipates. Device mounted on printed-circuit board with
an Rth a-tp (ambient to tie-point) of 90 K/W.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per P-channel
VDS
drain-source voltage (DC)
−−30
V
VGS
gate-source voltage (DC)
−±20
V
ID
drain current (DC)
Ts =80 °C; note 1
−−5.6
A
IDM
peak drain current
note 2
−−22.5
A
Ptot
total power dissipation
Ts =80 °C; note 3
−
3.5
W
Tamb =25 °C; note 4
−
2.63
W
Tamb =25 °C; note 5
−
1.14
W
Tamb =25 °C; note 6
−
1.56
W
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+150
°C
Source-drain diode
IS
source current (DC)
Ts =80 °C
−−2.7
A
ISM
peak pulsed source current
note 2
−−10.8
A
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
20
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com