Electronic Components Datasheet Search
  English  ▼

X  

PAC7101 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # PAC7101
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7101 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button PAC7101 Datasheet HTML 48Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 49Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 50Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 51Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 52Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 53Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 54Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 55Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Mechanical Information
Freescale Semiconductor
52
v1.0
14-Sep-04
(continued)
Section 3, “Electrical Characteristics”
• Section 3.2, “Absolute Maximum Ratings”
— A1a renamed to VDDX
— A4 “rating” changed to Analog (from ATD)
— A9 minimum changed to –0.3
— A12 maximum value removed, footnote reference added
— Table 8, Table 9 footnotes added regarding VDD5/VSS5
• Section 3.4, “Operating Conditions”
— C1 renamed to VDDX
— C4 added (C5 to C11b renumbered)
— C8 maximum changed from 40 MHz to 50 MHz
• Section 3.5, “Input/Output Characteristics”
— Table 8 spec D4 updated (from TBD)
— Table 9 spec E4 changed to 1
μA to match D4
• Section 3.6, “Power Dissipation and Thermal Characteristics”
— Reworked Equation 1 through Equation 4 and supporting text
— Section 3.6.1 and Table 10 name changed from “Power Dissipation...”
• Section 3.7, “Power Supply”
— Added MAC71x1 designation and footnotes to Table 15 / Table 16
— Table 15 designated for 40 MHz, and
– Numerous TBD entries replaced with values
– Run Supply Current collapsed from fifteen spec items to one
– Removed separate Core/Regulator/Pins specs for Run/Pseudo Stop/Stop modes
– F1 and F3 descriptions changed
– F1, F2, F3 and F4 values updated
— Table 16 added for 50 MHz specifications
— Table 17, deleted IREG spec (Regulator Current in Reduced Power, Shutdown Modes)
— Table 18, VDD2.5 load capacitance typical changed, with clarification footnote
• Section 3.8, “Clock and Reset Generator”
— Table 19 updates
– Changed specs J1b and J6 maximum from 40 MHz to 50 MHz
– Reversed polarity of XCLKS reference in footnote (3)
– J1b maximum changed to 40 MHz
–VDCBIAS removed
– Added footnote to define tfsys as 1 ÷ fSYS for use elsewhere in the document
— Updated Section 3.8.2, “PLL Filter Characteristics”
— Table 20 updates
– Changed spec K3 maximum from 40 MHz to 50 MHz
– Added footnote to define tfsys as 1 ÷ fSYS for use elsewhere in the document
— Table 23 updates
–Removed VPORR and VPORA, as they duplicated H6
–Removed tWRS
• Section 3.9, “External Bus Timing”
— Table 24 updates
– M1 minimum changed from 25 ns to 20 ns (Figure 6 also updated)
– Reworded footnote (1)
– Added footnote (2) to define tCYC as 1 ÷ CLKOUT
— Table 25 updates
– Added footnote (1)
– Consolidated previous NOTES into footnote (2), (Figure 7, Figure 8 also updated)
4
4
5
5
7, 8
6
6
6
7
8
9
10
12
12
13
14
15
16
18
19
20
21
Revision History (continued)
Version No.
Release Date
Description of Changes
Page
Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com