Electronic Components Datasheet Search
  English  ▼

X  

PAC7121 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 22Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 23Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 24Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 25Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 26Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 27Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 28Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 29Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
26
3.10.2 ATD Accuracy
Table 29 and Table 30 specify the ATD conversion performance excluding any errors due to current
injection, input capacitance and source resistance.
For the following definitions, see Figure 9.
Differential Non-Linearity (DNL) is defined as the difference between two adjacent switching steps:
Eqn. 17
The Integral Non-Linearity (INL) is defined as the sum of all DNLs:
Eqn. 18
Table 29. ATD Conversion Performance in 5.0 V Range
Conditions shown in Table 7 except as noted here:
fATDCLK = 2.0 MHz, 4.5 V ≤ VDDA ≤ 5.5 V
Num C
Rating
Symbol
Min
Typ
Max
Unit
R1
P 10-bit Resolution
LSB
—
5 1
NOTES:
1. Assumes VREF = VRH – VRL = 5.12 V, other VREF conditions result in different LSB resolutions.
—mV
R2
P 10-bit Differential Nonlinearity
DNL
–1
—
1
Counts
R3
P 10-bit Integral Nonlinearity
INL
–2.5
±1.5
2.5
Counts
R4
P 10-bit Absolute Error 2
2. These values include the quantization error which is inherently ½ count for any A/D converter.
AE
–3
±2.0
3
Counts
R5
P 8-bit Resolution
LSB
—
20 1
—mV
R6
P 8-bit Differential Nonlinearity
DNL
–0.5
—
0.5
Counts
R7
P 8-bit Integral Nonlinearity
INL
–1.0
±0.5
1.0
Counts
R8
P 8-bit Absolute Error 2
AE
–1.5
±1.0
1.5
Counts
Table 30. ATD Conversion Performance in 3.3 V Range
Conditions shown in Table 7 except as noted here:
fATDCLK = 2.0 MHz, 3.15 V ≤ VDDA ≤ 3.6 V
Num C
Rating
Symbol
Min
Typ
Max
Unit
S1
P 10-bit Resolution
LSB
—
3.25 1
NOTES:
1. Assumes VREF = VRH – VRL = 3.33 V, other VREF conditions result in different LSB resolutions.
—mV
S2
P 10-bit Differential Nonlinearity
DNL
–1.5
—
1.5
Counts
S3
P 10-bit Integral Nonlinearity
INL
–3.5
±1.5
3.5
Counts
S4
P 10-bit Absolute Error 2
2. These values include the quantization error which is inherently ½ count for any A/D converter.
AE
–5
±2.0
5
Counts
S5
P 8-bit Resolution
LSB
—
13 1
—mV
S6
P 8-bit Differential Nonlinearity
DNL
–0.5
—
0.5
Counts
S7
P 8-bit Integral Nonlinearity
INL
–1.5
±1.0
1.5
Counts
S8
P 8-bit Absolute Error 2
AE
–1.5
±1.0
1.5
Counts
DNL i
()
V
i
V
i1
–
–
1 LSB
----------------------
1
–
=
INL n
()
DNL i
()
i1
=
n
∑
V
n
V
0
–
1 LSB
-------------------
n
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com