Electronic Components Datasheet Search
  English  ▼

X  

PAC7121 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 48Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 49Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 50Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 51Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 52Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 53Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 54Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 55Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
MechanicalInformation
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
53
v1.0
14-Sep-04
(continued)
Section 3, “Electrical Characteristics” (continued)
• Section 3.10, “Analog-to-Digital Converter”
— Rev. 0.1 redundant and superfluous content deleted
– Section 3.10.3, “ATD Electrical Specifications,” (included Table 29 and Table 30)
– Table 31, “ATD Performance Specifications” (redundant with v0.1 Table 27 and
Table 28, now Table 29 and Table 30)
— Table 26 updates
– Deleted previous spec M6
– Changed spec N7 and N8 values
— Table 27 updates
– Deleted previous spec N6
– Changed spec P7 and P8 values
– Changed spec P2 and footnote (1) to specify 3.15 V
— Table 28 updates
– Changed spec Q2 parameter classification from T to C and 10 pF and 22 pF values
moved from maximum to typical
— Table 29 updates
– Operating conditions VDDA minimum changed to 4.5 V
–VREF description moved from “conditions” header to new footnote (1)
— Table 30 updates
– Operating conditions VDDA minimum changed to 3.15 V
–VREF description moved from “conditions” header to new footnote (1)
— Table 31 updates
– Spec T1 description clarified, max removed, min added with footnote
– Spec T2 modified to show both edge- and level-sensitive modes
— Figure 10 modified to remove “Max Frequency” label and clearly separate edge- and
level-sensitive mode timing examples
• Section 3.11, “Serial Peripheral Interface”
— Table 32 updates
– Changed specs U1a, U1b and U4 to use fIPS and tIPS for clarity and consistency with
MAC7100RM
– Changed U1a max to ½ and U1b min to 2 to account for the DBR bit
— Table 33 updates
– Changed specs V1a, V1b, V2, V3, V4, V7, V8 to use fIPS and tIPS for clarity and
consistency with MAC7100RM
– Changed V1a max to ½ and V1b min to 2 to account for the DBR bit
• Section 3.13, “Common Flash Module”
— Significant rework to match MAC7100RM clock naming, references and timing
calculations for clarity and consistency
— Changed X1 maximum from 40 MHz to 50 MHz (Table 35)
24
24
24
25
26
26
28
28
29
29
32 to 35
34
Revision History (continued)
Version No.
Release Date
Description of Changes
Page
Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com