Electronic Components Datasheet Search
  English  ▼

X  

MPL115A2ST1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPL115A2ST1
Description  Miniature I2C digital barometer, 50 kPa to 115 kPa
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL115A2ST1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPL115A2ST1 Datasheet HTML 14Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 15Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 16Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 17Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 18Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 19Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 20Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 21Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
NXP Semiconductors
MPL115A2S
Miniature I2C digital barometer, 50 kPa to 115 kPa
Tables
Tab. 1.
Ordering information ..........................................2
Tab. 2.
Ordering options ................................................2
Tab. 3.
Pin description ...................................................3
Tab. 4.
Device memory map ......................................... 6
Tab. 5.
Pressure, temperature, and compensation
coefficient specifications ....................................7
Tab. 6.
I2C write commands ......................................... 9
Tab. 7.
I2C write command description .........................9
Tab. 8.
I2C read command description ......................... 9
Tab. 9.
Maximum ratings .............................................12
Tab. 10. Mechanical and electrical characteristics ........ 12
Tab. 11. Revision history ...............................................18
Figures
Fig. 1.
Block diagram of MPL115A2S .......................... 2
Fig. 2.
Pin configuration ............................................... 3
Fig. 3.
Sequence flowchart ...........................................5
Fig. 4.
I2C read coefficient datagram ......................... 10
Fig. 5.
I2C Start conversion datagram ....................... 10
Fig. 6.
I2C read results datagram .............................. 11
Fig. 7.
Package outline SOT1769-1 (TSON8) ............14
Fig. 8.
Package outline notes SOT1769-1
(TSON8) .......................................................... 15
Fig. 9.
LGA (3 x 5) embossed carrier tape
dimensions ...................................................... 16
Fig. 10.
Device orientation in chip carrier .....................16
Fig. 11.
Recommended PCB landing pattern ...............17
MPL115A2S
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 17 May 2024
21 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com