Electronic Components Datasheet Search
  English  ▼

X  

MPL115A2ST1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPL115A2ST1
Description  Miniature I2C digital barometer, 50 kPa to 115 kPa
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL115A2ST1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPL115A2ST1 Datasheet HTML 4Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 5Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 6Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 7Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 8Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 9Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 10Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 11Page - NXP Semiconductors MPL115A2ST1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NXP Semiconductors
MPL115A2S
Miniature I2C digital barometer, 50 kPa to 115 kPa
8.3 Evaluation sequence, arithmetic circuits
The following is an example of the calculation for Pcomp, the compensated pressure output. Input values are in
bold.
c12x2 =
c12 * Tadc
a1 =
b1 + c12x2
a1x1 = a1 *
Padc
y1 =
a0 + a1x1
a2x2 =
b2 * Tadc
Pcomp = y1 + a2x2
This can be calculated as a succession of Multiply Accumulates (MACs) operations of the form y = a + b * x:
aaa-044109
a
y
+
b
X
x
The polynomial can be evaluated (Equation 1) as a sequence of 3 MACs:
b1
c12
Tadc
a1
a0
Padc
y1
b2
PComp
Tadc
y
aaa-044110
Refer to NXP application note AN3785 for more detailed notes on implementation.
8.4 I2C device read/write operations
All device read/write operations are memory mapped. Device actions, for example, Start Conversions, are
controlled by writing to the appropriate memory address location.
• For I2C, the 7-bit device address (from Table 2) has a read/write toggle bit, where the least significant bit is ‘1’
for read operations or ‘0’ for write operations. The Device Address is C0h for a Write and the Device Address
is C1h for a Read.
MPL115A2S
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 17 May 2024
8 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com