Electronic Components Datasheet Search
  English  ▼

X  

CT60 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # CT60
Description  Mobile Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CT60 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  CT60 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CT60 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CT60 Technical Specifications
CT60 Data Sheet – All Regions Except NA | Rev F | 10/20
© 2020 Honeywell International Inc.
Honeywell International Inc.
For more information
www.honeywellaidc.com
www.android.com/AER
Honeywell Safety and
Productivity Solutions
9680 Old Bailes Road
Fort Mill, SC 29707
800-582-4263
www.honeywell.com
ADDITIONAL CERTIFICATIONS AND
APPROVALS*
US/
Canada:
Class 1 Div 2, Groups, A, B, C, D
Class 2 Div 2, Groups F, G
Class 3
T4A, -20°C < Tamb <50°C
ATEX:
II 3G Ex ic op is IIC T4 Gc IP64
II3DExicopisIIIBT135°CDcIP64
-20°C<Tamb<50°C
IEC Ex:
IIC T4 Gc IP64
IIIB T135°C Dc IP64
-20°C <Tamb < 50°C
*Available on specific models with the H6603SR
scan engine, Gorilla Glass 3, and no warm swap
battery
Refer to the Honeywell compliance center
at www.honeywellaidc.com/compliance to
review and download any publicly available
documentation pertaining to the certification
of this product in a given country.
For a complete listing of all supported barcode
symbologies, please visit
www.honeywellaidc.com/symbologies.
Windows is a trademark or registered
trademark of Microsoft Corporation.
Bluetooth is a trademark or registered
trademark of Bluetooth SIG, Inc.
Gorilla Glass and Corning are trademarks
or registered trademarks of Corning, Inc.
Android is a trademark or registered
trademark of Google LLC.
Qualcomm and Snapdragon are
trademarks or registered trademarks
of Qualcomm Incorporated.
All other trademarks are the property
of their respective owners.
SYSTEM ARCHITECTURE
Processor: 2.2 GHz Qualcomm®
Snapdragon™ 660 octa-core
Operating System: Each Android version
guaranteed from 7.1 to at least 11/R,
committed support for Android 12 and 13
pending feasibility
Memory: 3 GB/4 GB DDR4 RAM, 32 GB Flash
Display: 118 mm (4.7 in) High Definition
(1280 x 720) bright color LCD with backlight,
outdoor readable, optically bonded to touch
panel, oleophobic fingerprint rejection
Touch Panel: Rugged multi-touch capacitive
touch panel, optically bonded for extra
durability and better sunlight readability.
Automatic switching between glove and finger
modes. Water droplet rejection. Visibility of
the screen in landscape mode with polarizing
glasses in sunny environments. Covered
with Gorilla Glass 5 for increased resistance
to drops. (Gorilla Glass 5 is offered only in
models with N6703SR or N6703HD scan
engines)
Keypad: On-screen customizable keypad,
dual-action side scan triggers, volume up/
down, camera, power button
Audio: Speaker, dual microphone support
with noise cancellation. PTT support and
Bluetooth® wireless headset support
I/O Ports: Durable, custom IO connector
Camera: 13-megapixel color camera, 4K
video with image stabilization, and advanced
software features for enhanced exposure
control
Sensors: Ambient light sensor, proximity
sensor, accelerometer, gyroscope,
magnetometer,
pressure sensor
Storage Expansion: User-accessible microSD
card up to 512 GB (SDXC/SDHC/SDIO-
compliant)
Battery: Li-Ion, 3.6 V, 4040 mAh with
integrated battery diagnostics. Warm swap
capability that allows 1 minute to change
batteries without loss of application work flow.
(Warm swapping is offered only in models
with N6703SR or N6703HD scan engines)
Hours of Operation: 12+ hours
Decode Capabilities: Honeywell N6603SR,
N6703SR, or N6703HD Slim Imager Engines
(1D/2D barcode symbologies), Honeywell
SDKs for Android
Application Software: Honeywell Utilities and
Demos
Warranty: One-year factory warranty
WIRELESS CONNECTIVITY
Cellular Radio
LTE Advanced Support
Supports VoLTE
Up to 400 Mbps CAT13 LTE downlink
Up to 75 Mbps CAT5 LTE uplink
• LTE (FDD) – Bands 1, 2, 3, 4, 5, 7, 8, 12, 13,
17, 19, 20, 25, 26, 28, 29
• LTE (TDD) – Bands 38, 39, 40, 41
UMTS/HSPA+ (3G) – Bands 1, 2, 4, 5, 6, 8, 9,
19
GSM/GPRS/EDGE Quad-Band
(850/900/1800/1900 MHz)
1xRTT/EV-DO – Bands BC0, BC1, BC10 (B26
BW)
WLAN: IEEE 802.11 a/b/g/n/ac; Wi-Fi certified
Additional WLAN Features: 802.11 r (802.11 k/
mc –
via future release)
WLAN Security: OPEN, WEP, WPA/WPA2
(Personal and Enterprise)
Supported EAP: TLS, PEAP, TTLS, PWD, FAST,
LEAP CCX Version 4 certified
Bluetooth: V5.0 Bluetooth and BLE Supported
Bluetooth Profiles: HFP, PBAP, A2DP, AVRCP,
OPP, SPP, GATT
NFC: Integrated Near Field Communication
VPN: IPSec V4/L2TP, PPTP
Push to Talk (PTT): Supported
GPS Supported Protocols: Simultaneous
GNSS Receiver Support for A-GPS, GLONASS,
Qualcomm Gen9 position engine, Galileo, and
BeiDou
MECHANICAL
Dimensions: 160 mm x 82.5 mm x 19 mm
(6.3 in x 3.2 in x 0.75 in)
Weight: 350 grams (12.4 oz) with battery pack
ENVIRONMENTAL
Operating Temperature: -20°C to 50°C
(-4°F to 122°F)
Storage Temperature: -30°C to 70°C
(-22°F to 158°F)
Humidity: 0% to 95% relative humidity
(non-condensing)
Drop: 2.4 m (8 ft) to concrete at room temp
per MIL-STD 810G;
1.5 m (5 ft) to concrete at -10ºC
to 50ºC (14ºF to 122ºF) temperature range;
1.2 m (4 ft) to concrete down to -20ºC (-4ºF)
Tumble: Exceeds 1,000 1.0 m (3.3 ft) tumbles
per IEC 60068-2-32 specification
ESD: ±15 kV Air and ±8 kV Direct
Environmental Sealing: Independently
certified to meet IP67 and IP65 standards for
moisture and particle intrusion



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com