Electronic Components Datasheet Search
  English  ▼

X  

CT60 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # CT60
Description  Mobile Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CT60 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  CT60 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CT60 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The CT60 mobile computer, built on the Mobility
Edge platform, delivers real-time connectivity,
advanced data capture, and future-proof
investment protection.
The Honeywell CT60 mobile computer
is designed for enterprises that require
anywhere, anytime, real-time connectivity
to business-critical applications and
fast data capture capabilities in a highly
durable, long-lasting form factor built
for maximum uptime and productivity
out in the field or on the selling floor.
Built on the Mobility Edge™ platform, the CT60 mobile computer offers an integrated,
repeatable, and scalable approach based on a common hardware and software
platform – unleashing customers from constraints faced today around integration
and inflexible technologies without sacrificing enterprise security, reliability,
performance, or management features.
Juggling multiple devices across the enterprise introduces time- and cost-intensive
complexities for Enterprise IT to manage and maintain. The CT60 mobile computer,
with the Mobility Edge platform, enables customers to accelerate provisioning,
certification, and deployment across the enterprise. The CT60 mobile computer
offers an extended product lifecycle across four generations of Android™ to maximize
return on customer investment and provide a lower TCO. And it’s validated by Android
Enterprise Recommended, a Google-led initiative that helps businesses confidently
select, deploy, and manage the Android devices and services best suited to their
enterprise needs.
The CT60 mobile computer is packed with features to keep workers connected
and productive all day long. The industry-leading advanced network connectivity
facilitates large file transfers, video streaming, and quick remote access to
business applications with enough battery power to last an entire shift.
CT60
Mobile Computer
Fast, accurate 1D/2D scanning and data
capture is possible even on the most
damaged barcodes.
The rugged design withstands accidental
drops and falls, yet is ergonomic and
lightweight for comfortable, everyday use.
A vivid 118 mm (4.7 in) Corning® Gorilla®
Glass 5 touchscreen display is easily read
indoors and out, and can be used with
finger, glove, or stylus.
FEATURES AND BENEFITS
Common hardware
platform and enterprise
lifecycle tools drive an
integrated, repeatable,
scalable approach
for accelerated and
secure development,
deployment, performance
management, and
lifecycle management.
Support through
Android R, starting
with Android 8.1 (O).
Additionally, customers
using Windows®-based
operating systems can
migrate to Android
without sacrificing
reliability, performance,
or management features.
The CT60 mobile computer
is the first enterprise-grade
device with LTE-Advanced
and carrier aggregation for
speeds up to 300 Mbps.
Provides better network
coverage, speed, anytime,
anywhere connectivity,
and device longevity.
Advanced 2D imager
delivers best-in-class
data capture on linear
and 2D barcodes.
Optional scan handle
for flexibility to switch
between handheld and
pistol grip operations
to reduce user fatigue.
Sleek, lightweight, and
rugged. Fits easily into
a pocket. IP65 and
IP67 ratings against
dust/water spray; can
withstand multiple
1.5 m (5 ft) drops to
concrete and 1,000
1.0 m (3.3 ft) tumbles.


Similar Part No. - CT60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT600007G ETC2-CT600007G Datasheet
112Kb / 1P
CATEGORY 6 UNSHIELDED VERTICAL JACK, CONTAINS EPP-948A
logo
Bel Fuse Inc.
CT600025 BEL-CT600025 Datasheet
157Kb / 1P
BEL STEWART CONNECTOR
CT600158 BEL-CT600158 Datasheet
1,002Kb / 2P
VERTICAL CAT 6 SEALJACK, WITH THROUGH HOLE MOUNTING
Rev. B1
CT600159 BEL-CT600159 Datasheet
1Mb / 3P
VERTICAL CAT © SEALJACK, 4 PORT, WITH LEDS AND THROUGH-HOLE MOUNTING
Rev. B1
CT600160 BEL-CT600160 Datasheet
1Mb / 3P
VERTICAL CAT 6 SEALJACK, 4 PORT, WITH THROUGH HOLE MOUNTING
Rev. B1
More results

Similar Description - CT60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
44Kb / 1P
COMPUTER DIODE
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
C0621A GENERAL-C0621A Datasheet
81Kb / 1P
COMPUTER CABLE
logo
Analog Microelectronics
AME8503 AME-AME8503 Datasheet
491Kb / 17P
Computer Peripherals
logo
List of Unclassifed Man...
LVC-5000-A0 ETC2-LVC-5000-A0 Datasheet
227Kb / 4P
Fanless Mobile Computer with Intel 847E for Transport Fleet Management Solution
logo
Ohmite Mfg. Co.
RES-LVC OHMITE-RES-LVC Datasheet
360Kb / 2P
Computer
logo
Tripp Lite. All Rights ...
DCPU2 TRIPPLITE-DCPU2 Datasheet
168Kb / 2P
Mobile CPU Caddy for Computer Towers - Width Adjustable, Locking Casters, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com