Electronic Components Datasheet Search
  English  ▼

X  

1406310 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1406310
Description  SAC-3P-M12MR/ 0,5-542/M12FS BK - Sensor/actuator cable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406310 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1406310 Datasheet HTML 1Page - PHOENIX CONTACT 1406310 Datasheet HTML 2Page - PHOENIX CONTACT 1406310 Datasheet HTML 3Page - PHOENIX CONTACT 1406310 Datasheet HTML 4Page - PHOENIX CONTACT 1406310 Datasheet HTML 5Page - PHOENIX CONTACT 1406310 Datasheet HTML 6Page - PHOENIX CONTACT 1406310 Datasheet HTML 7Page - PHOENIX CONTACT 1406310 Datasheet HTML 8Page - PHOENIX CONTACT 1406310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
-5 °C ... 105 °C (Cable, flexible installation)
Environmental and real-life conditions
Ambient conditions
IP65
IP67
Degree of protection
IP68
-25 °C ... 90 °C (Plug / socket)
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-5 °C ... 80 °C (Cable, flexible installation)
Standards and regulations
Standard designation
M12 connector
Standards/specifications
IEC 61076-2-101
SAC-3P-M12MR/ 0,5-542/M12FS BK - Sensor/actuator
cable
1406310
https://www.phoenixcontact.com/us/products/1406310
Apr 15, 2024, 7:16 AM
Page 4 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com