Electronic Components Datasheet Search
  English  ▼

X  

1406310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1406310
Description  SAC-3P-M12MR/ 0,5-542/M12FS BK - Sensor/actuator cable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1406310 Datasheet HTML 1Page - PHOENIX CONTACT 1406310 Datasheet HTML 2Page - PHOENIX CONTACT 1406310 Datasheet HTML 3Page - PHOENIX CONTACT 1406310 Datasheet HTML 4Page - PHOENIX CONTACT 1406310 Datasheet HTML 5Page - PHOENIX CONTACT 1406310 Datasheet HTML 6Page - PHOENIX CONTACT 1406310 Datasheet HTML 7Page - PHOENIX CONTACT 1406310 Datasheet HTML 8Page - PHOENIX CONTACT 1406310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, PVC, yellow, Plug angled M12, coding: A, on Socket straight
M12, coding: A, cable length: 0.5 m
Commercial data
Item number
1406310
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF13
Product key
BF1ICA
GTIN
4046356797436
Weight per piece (including packing)
35.8 g
Weight per piece (excluding packing)
33.6 g
Customs tariff number
85444290
Country of origin
US
SAC-3P-M12MR/ 0,5-542/M12FS BK - Sensor/actuator
cable
1406310
https://www.phoenixcontact.com/us/products/1406310
Apr 15, 2024, 7:16 AM
Page 1 (14)


Similar Part No. - 1406310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406311 PHOENIX-1406311 Datasheet
522Kb / 14P
SAC-3P-M12MR/ 1,5-542/M12FR BK - Sensor/actuator cable
1406312 PHOENIX-1406312 Datasheet
521Kb / 14P
SAC-3P-M12MR/ 0,5-542/M12FR BK - Sensor/actuator cable
1406313 PHOENIX-1406313 Datasheet
413Kb / 12P
SAC-3P-M12MR/10,0-542 BK - Sensor/actuator cable
1406314 PHOENIX-1406314 Datasheet
414Kb / 12P
SAC-3P-M12MR/ 5,0-542 BK - Sensor/actuator cable
1406316 PHOENIX-1406316 Datasheet
403Kb / 11P
SAC-3P-10,0-542/M8 FS BK - Sensor/actuator cable
More results

Similar Description - 1406310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417881 PHOENIX-1417881 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/10,0-542/ FS SCO BK
1417886 PHOENIX-1417886 Datasheet
106Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/FSSH SCO BK
1417927 PHOENIX-1417927 Datasheet
99Kb / 5P
Sensor/Actuator cable - SAC-3P-15,0-542/ FR SCO BK
1417928 PHOENIX-1417928 Datasheet
99Kb / 5P
Sensor/Actuator cable - SAC-3P-20,0-542/ FR SCO BK
1417956 PHOENIX-1417956 Datasheet
97Kb / 5P
Sensor/Actuator cable - SAC-3P- 15,0-542/ FS SCO BK
1417957 PHOENIX-1417957 Datasheet
97Kb / 5P
Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SCO BK
1417962 PHOENIX-1417962 Datasheet
98Kb / 5P
Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SH SCO BK
1544882 PHOENIX-1544882 Datasheet
41Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/BI
1406207 PHOENIX-1406207 Datasheet
175Kb / 12P
Sensor/actuator cable - SAC-4P-M8MR/ 0,5-542/M8 FR BK
09/11/2020
1150038 PHOENIX-1150038 Datasheet
560Kb / 13P
SAC-4P-M12MS/ 2,0-542/M12FS BK - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com