Electronic Components Datasheet Search
  English  ▼

X  

AT-113 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-113
Description  Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-113 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-113 Datasheet HTML 1Page - Tyco Electronics AT-113 Datasheet HTML 2Page - Tyco Electronics AT-113 Datasheet HTML 3Page - Tyco Electronics AT-113 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3 Volt Voltage Variable Absorptive Attenuator
40 dB, 0.5-2.0 GHz
AT-113
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
2
SOIC-8
Electrical Specifications6: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
—
—
2.7
3.0
3.0
3.5
Attenuation
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
40
35
—
—
—
—
Flatness
(Peak to Peak)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
—
—
± 0.5
± 1.2
± 0.8
± 1.5
VSWR
—
Ratio
—
2:1
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
—
10
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
µS
—
12
—
Transients
In-band
mV
—
10
—
6. The RF ports must be blocked outside of the package from ground or any other voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com