Electronic Components Datasheet Search
  English  ▼

X  

AT-113 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT-113
Description  Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-113 Datasheet(HTML) 3 Page - Tyco Electronics

  AT-113 Datasheet HTML 1Page - Tyco Electronics AT-113 Datasheet HTML 2Page - Tyco Electronics AT-113 Datasheet HTML 3Page - Tyco Electronics AT-113 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 Volt Voltage Variable Absorptive Attenuator
40 dB, 0.5-2.0 GHz
AT-113
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
3
Typical Performance Curves @ 25°C
Attenuation vs. Control Voltage
Insertion Loss vs. Frequency
Return Loss vs. Control Voltage
F = 900 MHz
Attenuation vs. Frequency @ 0V
IP3 vs. Control Voltage
1 dB Compression vs. Control Voltage
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.9 GHz
1.8 GHz
2.4 GHz
Control Voltage (V)
-50
-40
-30
-20
-10
0
0.51.0
1.52.0
2.53.0
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
S11
S22
Control Voltage (V)
-5
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
400 MHz
900 MHz
Control Voltage (V)
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
400 MHz
900 MHz
Control Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com