Electronic Components Datasheet Search
  English  ▼

X  

TH110 Datasheet(PDF) 13 Page - Schneider Electric

Part # TH110
Description  Installation and Operation Manual
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TH110 Datasheet(HTML) 13 Page - Schneider Electric

Back Button TH110 Datasheet HTML 9Page - Schneider Electric TH110 Datasheet HTML 10Page - Schneider Electric TH110 Datasheet HTML 11Page - Schneider Electric TH110 Datasheet HTML 12Page - Schneider Electric TH110 Datasheet HTML 13Page - Schneider Electric TH110 Datasheet HTML 14Page - Schneider Electric TH110 Datasheet HTML 15Page - Schneider Electric TH110 Datasheet HTML 16Page - Schneider Electric TH110 Datasheet HTML 17Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TH110 Installation and Operation Manual
Installation
NVE624001-02
© 2021 Schneider Electric All Rights Reserved
13
Consider the following:
• The sensor location shall be in accordance with the
installation prescriptions of the electrical equipment.
• Select a clean top-surface of a flat or round busbar.
• Prefer horizontal installation.
• The thermistor shall be oriented toward the monitored
connection point.
• Warning: no displacement or mechanical shocks on
the NTC metallic head of the TH110 shall occur
during or after tightening of the ferromagnetic ribbon
and the fixing-strap.
• Important: when active conductor have many
separated bars, placing the ferromagnetic ribbon only
around one bar.
• When placing the TH110 sensors on Circuit Breaker
arms, attention to the positioning shall be paid to
avoid mechanical interferences and potential damage
to the sensor when racking in/out the breaker.
Preferred Sensor Positioning
Perimeter range of
measured part: 60-300mm
(6) Introduce the protruding portion of ferromagnetic
ribbon shown in step (5) inside the tie tool (Ref. 4,
1212610 by Phoenix Contact or MK9SST by
(HellermannTyton).
(7) The adjustable tension force is indicated by a dial in
the handle area. Set the tool at level 1 (around 200N
Max of tensile force) and pull the ferromagnetic ribbon
by operating the tool handle.
Step: (7)
(8) Complete the pulling operation of the ferromagnetic
ribbon
a. When the tension reaches the pre-set value, the
ferromagnetic ribbon is automatically cutby the
tool.
b. Discard the excess ferromagnetic ribbon.
c. Flatten out any sharp edges protruding from the
self-locking head after the ribbon is cut.
d. If necessary, flatten the excess ribbon protruding
from the tie locking head with a set of pliers.
(9) Install the fixing and self-gripping tape (Ref. 3) over
the PowerLogic TH110 sensor and the ferromagnetic
ribbon:
a. Wrap the fixing and self-gripping tape around the
sensor and insert its loose end in the buckle.
b. Pull tightly to ensure a secure mounting and press
the rough side against the soft side to lock the
tape in position. To finish the installation, cut off
the non-gripped part with scissors.
NOTICE
LOOSE SENSOR
• Set the adjustable tension force on either tie tool to
level 1 (200N Max as tensile force).
Failure to follow these instructions can result in
equipment damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com