Electronic Components Datasheet Search
  English  ▼

X  

TH110 Datasheet(PDF) 17 Page - Schneider Electric

Part # TH110
Description  Installation and Operation Manual
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TH110 Datasheet(HTML) 17 Page - Schneider Electric

Back Button TH110 Datasheet HTML 13Page - Schneider Electric TH110 Datasheet HTML 14Page - Schneider Electric TH110 Datasheet HTML 15Page - Schneider Electric TH110 Datasheet HTML 16Page - Schneider Electric TH110 Datasheet HTML 17Page - Schneider Electric TH110 Datasheet HTML 18Page - Schneider Electric TH110 Datasheet HTML 19Page - Schneider Electric TH110 Datasheet HTML 20Page - Schneider Electric TH110 Datasheet HTML 21Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TH110 Installation and Operation Manual
Maintenance
NVE624001-02
© 2021 Schneider Electric All Rights Reserved
17
5.2
Periodical maintenance
CAUTION
EXPOSURE TO HOT SURFACES AND CUTS
• As the sensor can measure temperatures above 50°C:
- Heat and cut resistant ANSI level 3 or higher safety gloves are required.
- Allow surface to cool before servicing.
Failure to follow these instructions can result in injury.
The PowerLogic TH110 sensors do not require specific maintenance or calibration. However, it is
recommended to visually inspect the sensors while routine switchgear maintenance is performed. The
sensors should be inspected for proper placement, signs of visual damage and to ensure that no debris
accumulated between the sensor and the contact point.
If needed, contact the nearest Schneider Electric services center to perform any form of maintenance.
If any self-gripping tape requires replacing, proceed to remove the old one and installing a new one as
defined in §3.4 (step 9) following all safety procedures specified in this guide.
In harsh conditions (aggressive atmosphere, dust, ambient temperature greater than 40°C), please
consult the nearest Schneider Electric services center about the entire installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com