Electronic Components Datasheet Search
  English  ▼

X  

710100 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # 710100
Description  10-in-1 TETRA Cellular GNSS Wi-FiLPCA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710100 Datasheet(HTML) 1 Page - PCTEL, Inc.

  710100 Datasheet HTML 1Page - PCTEL, Inc. 710100 Datasheet HTML 2Page - PCTEL, Inc. 710100 Datasheet HTML 3Page - PCTEL, Inc. 710100 Datasheet HTML 4Page - PCTEL, Inc. 710100 Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
Low profile configurable antenna
designed to support multi-system
solutions for heavy vehicles, buses,
ambulances, forest machines or
M2M applications.
Technologies
• TETRA
• ISM
• CDMA450/LTE450
• Cellular
• Wi-Fi
• GNSS
- GPS
- Galileo
- Glonass
Features
• 10 different configurations
• 430-450 MHz, Cellular
• Low profile, height 50mm
• Ground plane independent
• Rugged
• IP67
• Cable approved acc ECE-R118
• Designed in Sweden in collaboration
with the forest industry
DATASHEET
COMBINATION ANTENNAS
DATASHEET ID 550 085 U
Smarteq™ LPCA Family Low Profile
Combination Antenna
10-in-1 TETRA + Cellular + GNSS + Wi-Fi
LPCA 1-7


Similar Part No. - 710100

ManufacturerPart #DatasheetDescription
logo
AUER Signal GmbH
710100004 AUERSIGNAL-710100004 Datasheet
167Kb / 2P
KLH Mini horn
710100005 AUERSIGNAL-710100005 Datasheet
167Kb / 2P
KLH Mini horn
710100010 AUERSIGNAL-710100010 Datasheet
167Kb / 2P
KLH Mini horn
710100013 AUERSIGNAL-710100013 Datasheet
167Kb / 2P
KLH Mini horn
710100105 AUERSIGNAL-710100105 Datasheet
167Kb / 2P
KLH Mini horn
More results

Similar Description - 710100

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFM-W1G7 BOARDCOM-ACFM-W1G7 Datasheet
189Kb / 2P
Mid/High Cellular Bands, Wi-Fi, GNSS Triplexer
logo
Taoglas antenna solutio...
MA520ABC008 TAOGLAS-MA520ABC008 Datasheet
2Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008_18 Datasheet
1Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna-Cellular
MA350.A.LBICG.003 TAOGLAS-MA350.A.LBICG.003 Datasheet
8Mb / 68P
Steedan 5-in-1 Magnetic Mount Antenna with GNSS, 2*LTE & 2*Wi-Fi
logo
TE Connectivity Ltd
951-016-XXX TEC-951-016-XXX Datasheet
571Kb / 2P
TETRA/ GNSS/ WLAN (2,4GHz/5,8GHz) Screw Antenna
logo
Maxtena Inc.
MEA-2700-WIFI MAXTENA-MEA-2700-WIFI Datasheet
1Mb / 4P
Omni Fiberglass Wi/Cellular Antenna
REV A
MEA-GNSS-LTE MAXTENA-MEA-GNSS-LTE Datasheet
755Kb / 4P
2 IN 1 LTE/GNSS ANTENNA
REV A
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
TE Connectivity Ltd
VPJ69595B TEC-VPJ69595B Datasheet
7Mb / 12P
“Trigger” 5-Port Under-Dash Antenna Cellular/Wi-Fi/GNSS
11/21
VQJ69595B TEC-VQJ69595B Datasheet
6Mb / 14P
“Trigger” 4-Port Under-Dash Antenna Cellular/Wi-Fi/GNSS
11/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com