Electronic Components Datasheet Search
  English  ▼

X  

710100 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710100
Description  10-in-1 TETRA Cellular GNSS Wi-FiLPCA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710100 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710100 Datasheet HTML 1Page - PCTEL, Inc. 710100 Datasheet HTML 2Page - PCTEL, Inc. 710100 Datasheet HTML 3Page - PCTEL, Inc. 710100 Datasheet HTML 4Page - PCTEL, Inc. 710100 Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
> pctel.com/antenna-products
Certifications
Smarteq™ LPCA Family Low Profile
Combination Antenna
10-in-1 TETRA + Cellular + GNSS + Wi-Fi
The Smarteq™ LPCA (Low Profile Combination Antenna) is a rugged, low profile combination
antenna designed for use in telematics applications. The antenna is the perfect choice when
the application needs a multifunctional solution with TETRA, CDMA450/LTE450, cellular, GNSS
and Wi-Fi combined for buses, heavy vehicles, ambulances, forest machines or other M2M
applications.
Features
• Configurable design TETRA, CDMA450/ LTE450, Cellular, GNSS, Wi-Fi
• Low profile, height 50mm
• Ground plane independent
• Rugged
• IP67
• Cable approved acc ECE-R118
• Designed in Sweden in collaboration with the forest industry
Applications
• Public safety
• Fleet management
• Navigation / Positioning
• Agriculture, construction equipment
• V2X
• Cargo/load handling
• M2M
DATASHEET ID 550 085 U



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com