Electronic Components Datasheet Search
  English  ▼

X  

710608 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710608
Description  Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS Antenna Platform
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710608 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710608 Datasheet HTML 1Page - PCTEL, Inc. 710608 Datasheet HTML 2Page - PCTEL, Inc. 710608 Datasheet HTML 3Page - PCTEL, Inc. 710608 Datasheet HTML 4Page - PCTEL, Inc. 710608 Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS
Antenna Platform
Combination Antennas – GNSS + Cellular + MIMO 2x2 WiFi
The Smarteq™ AllDisc Combi antenna platform can be configured to support several antenna
systems; Cellular bands 2G/3G/4G/5G, GPS/GLONASS/Galileo, MIMO 2x2 WiFi, 2.4/5/6 GHz
(1427-7200 MHz in a low profile casing with durable design IP6K9K. It is ground plane
independent which enables flexible and easy installation, making it perfect for fleet management,
track and trace, navigation, cargo handling and V2X. Dual-feed GNSS antenna enables excellent
Axial ratio and gain. Pre-filtered LNA ensures functionality in a combination antenna. The
superior RF performance enables high connectivity and throughput. The AllDisc Combi antenna
platform has been successfully tested for durability according to Volkswagen automotive test
standards.
Features
• 5G ready
• Cellular Main: 617-960 / 1710-2690 MHz and 3300-3800 MHz
• WiFi-7/BT: 2400-2485 MHz and 4900-7200 MHz
• GNSS: 1575-1610 MHz
• GPS: L1, Galileo: E1, Glonass: L1
• LNA gain 30dB
• IP6K9K class
• Approved according to ECE-R118
• Designed in Sweden with design registration
2
Applications
• Off-Highway Vehicle (OHV)
• Public safety
• Track and trace
• Fleet management
• Navigation / Positioning
• V2X
• Cargo/load handling
SPECIFICATIONS
> pctel.com/antenna-products
710452 – AllDisc
bracket
710598 – Slitted nut
710206 – Extension nut
to be used on AllDisc with long
screw enabling installation
thickness 25-50mm
Certifications
DATASHEET ID 550 123 Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com