Electronic Components Datasheet Search
  English  ▼

X  

710608 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710608
Description  Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS Antenna Platform
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710608 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710608 Datasheet HTML 1Page - PCTEL, Inc. 710608 Datasheet HTML 2Page - PCTEL, Inc. 710608 Datasheet HTML 3Page - PCTEL, Inc. 710608 Datasheet HTML 4Page - PCTEL, Inc. 710608 Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SPECIFICATIONS
> pctel.com/antenna-products
Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS
Antenna Platform
Combination Antennas – GNSS + Cellular + MIMO 2x2 WiFi
Standard Configurations
Model
Elements
Cable
Cable
Length
Code Connector
Housing
Color
Mount
Accessories
710260
LTE
RG316, grey
0.20m
D
FAKRA-Male
Black
Hole mount with
center screw and
adhesive tape
710452 – AllDisc bracket
710598 – Slitted nut
710206 – Extension nut
GNSS
RG316, grey
0.25m
C
710261
LTE
RG316, grey
0.20m
D
FAKRA-Male
Black
GNSS
RG316, grey
0.25m
C
WiFi-7 (1)
RG316, grey
0.30m
I
710501
LTE
RG316, grey
0.20m
D
FAKRA-Male
Black
GNSS
RG316, grey
0.25m
C
WiFi-7 (1)
RG316, grey
0.30m
I
WiFi-7 (2)
RG316, grey
0.35m
I
710280
LTE
RG316, grey
2.5m
SMA-m
Black
GNSS
RG316, grey
2.5m
RP SMA-m
710450
LTE
RG316, grey
2.5m
SMA-m
Black
GNSS
RG316, grey
2.5m
710478
LTE
RG316, grey
5m
SMA-m
Black
GNSS
RG316, grey
5m
Electrical Specifications – RF Antennas (All Models)
Frequency Ranges VSWR1
Peak
Gain2
Efficiency3
Correlation
Factor
Nominal
Impedance Polarization
Radiation
Characteristics
Max.
Power4
DC
Short
LTE / 5G
617 - 698 MHz
< 3 :1
1 dBi
~40%
<0.02
50Ω
Linear, vertical
Omnidirectional
10 watts
Yes
698 - 960 MHz
< 2.7:1
5.5 dBi
~65%
1710 - 2690 MHz
< 2.1:1
4.5 dBi
~77%
3300 - 3800 MHz
< 1.9:1
6.5 dBi
~66%
WiFi-7 (1 & 2)
2400 - 2485 MHz
1.5:1
8.5 dBi
85%
<0.02
50Ω
Linear, vertical
Omnidirectional
10 watts
4900 - 6000 MHz
2:1
10.5 dBi
75%
6000 - 7200 MHz
2,5:1
10 dBi
60%
1
VSWR values are measured at the end of 0.5m cable without a ground plane.
2
Peak Gain values measured on ground plane (excluding cable)
3
Antenna efficiency measured ?
4
Maximum power measured at ambient temperature of 25ºC
Electrical Specifications – GNSS Antennas (All Bands)
Frequency Range
VSWR1
Peak Gain2
Gain Active
Nominal
Impedance
Polarization
DC
Voltage
DC
Current
1575 - 1610 MHz
≤ 2.0:1
-3.5dBic @ fc
30+2dB
50Ω
Right Hand
Circular
2.8-5.5V
15-25mA
DATASHEET ID 550 123 Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com