Electronic Components Datasheet Search
  English  ▼

X  

710751 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710751
Description  Smarteq™ LPCA-MIMO 5G Family Low Profile Combination Antenna 5-in-1 Cellular GNSS WiFi
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710751 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710751 Datasheet HTML 1Page - PCTEL, Inc. 710751 Datasheet HTML 2Page - PCTEL, Inc. 710751 Datasheet HTML 3Page - PCTEL, Inc. 710751 Datasheet HTML 4Page - PCTEL, Inc. 710751 Datasheet HTML 5Page - PCTEL, Inc. 710751 Datasheet HTML 6Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
> pctel.com/antenna-products
Certifications
Smarteq™ LPCA-MIMO 5G Family Low Profile
Combination Antenna
5-in-1 Cellular + GNSS + WiFi
Smarteq™ LPCA-MIMO 5G by Smarteq, a PCTEL company, offers excellent RF performance in a
discreet rugged, low-profile design supporting, Cellular MIMO 4x4 LTE/5G, GNSS or 2x2 LTE/5G
and 2x2 MIMO WiFi 6E/WiFi 7 in a low profile casing with durable design. The antenna platform is
configurable enabling adaption to your antenna system needs. Smarteq™ LPCA-MIMO 5G standard
configuration contains two cellular band antennas designed for 617-960/1710-2690/3300-5000MHz,
two secondary LTE/WiFi 6E/WiFi 7 antennas 1427-7125MHz and a LNA equipped GNSS antenna.
Smarteq™ LPCA-MIMO antenna platform is designed to support multi system solutions making it
perfect for fleet management, track and trace, navigation, cargo handling and V2X. Dual feed GNSS
antenna enables excellent Axial ratio and gain. Pre-filtered LNA ensures functionality in a combination
antenna.
Features
• Up to 5-in-1 antenna
• 5G and WiFi 6E/WiFi 7
• 2x Cellular Main: 617-960/1710-2690/3300-5000MHz
• 2x Cellular Secondary/Wi-Fi 6E: 1427-7200MHz
• 1x GNSS: GPS, Galileo, Glonass, Beidou
• LNA gain 30dB with pre-filter
• Approved according to ECE-R118
Applications
• Public safety
• Fleet management
• Navigation / Positioning
• Agriculture, construction equipment
• V2X
• Cargo/load handling
DATASHEET ID 550 163 K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com