Electronic Components Datasheet Search
  English  ▼

X  

710751 Datasheet(PDF) 5 Page - PCTEL, Inc.

Part # 710751
Description  Smarteq™ LPCA-MIMO 5G Family Low Profile Combination Antenna 5-in-1 Cellular GNSS WiFi
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710751 Datasheet(HTML) 5 Page - PCTEL, Inc.

  710751 Datasheet HTML 1Page - PCTEL, Inc. 710751 Datasheet HTML 2Page - PCTEL, Inc. 710751 Datasheet HTML 3Page - PCTEL, Inc. 710751 Datasheet HTML 4Page - PCTEL, Inc. 710751 Datasheet HTML 5Page - PCTEL, Inc. 710751 Datasheet HTML 6Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
> pctel.com/antenna-products
Smarteq™ LPCA-MIMO 5G Family Low Profile
Combination Antenna
5-in-1 Cellular + GNSS + WiFi
SPECIFICATIONS
*Measurements are made on Ø0.3 ground plane 0.3m cable.
Mechanical and Environmental Specifications (All Models)
Physical
Dimensions (L x W x H)
280 x 120 x 50mm
Color
Black, other colors available upon request
Installation
Hole mount, Ø19mm; Installation thickness ≤ 6mm
Cable Type
RG316
Connector
According to table above.
Cable Lengths
Port
System
Length
1
Cellular
500mm
2
Cellular
530mm
3
GNSS+
560mm
4
LTE-Sec/WiFi 6E/WiFi 7
470mm
5
LTE-Sec/WiFi 6E/WiFi 7
440mm
Temperature (Storage / Operating)
-40°C to +85°C
IP Class
IP67
Compliance / Certifications
REACH, RoHS compliant. Certified according to 2014/53/EU Radio Equipment Directive (RED) Type
approval: E5 (ECE R10.5)
Other
Accessories
Part Number
Slitted Nut
710598
Extension Nut
710206
Extension Cables
Connector 1
Connector 2
Part Number
Type
Gender
Type
Gender
LL58 2.5 m
710606
FAKRA
Female Code Z
SMA
Male
710608
FAKRA
Female Code D
FAKRA
Female Code D
710609
FAKRA
Female Code C
FAKRA
Female Code C
710610
FAKRA
Female Code I
FAKRA
Female Code I
LL58 5 m
710607
FAKRA
Female Code Z
SMA
Male
710611
FAKRA
Female Code D
FAKRA
Female Code D
710612
FAKRA
Female Code C
FAKRA
Female Code C
710613
FAKRA
Female Code I
FAKRA
Female Code I
DATASHEET ID 550 163 K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com