Electronic Components Datasheet Search
  English  ▼

X  

SST45LF010 Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST45LF010
Description  1 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010 Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST45LF010 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
1 Mbit Serial Flash
SST45LF010
5
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
TABLE
3: DEVICE OPERATION INSTRUCTIONS1
Bus Cycle2
12
3
4
5
6
7
Cycle Type/
Operation3,4
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
Read
FFH
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
X
Hi-Z
X
Hi-Z
X
DOUT
Sector-Erase5
20H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
X
Hi-Z
D0H
Hi-Z
X
Hi-Z
X
Hi-Z
Chip-Erase
60H
Hi-Z
X
Hi-Z
X
Hi-Z
X
Hi-Z
D0H
Hi-Z
X
Hi-Z
X
Hi-Z
Byte-Program
10H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
X
Hi-Z
X
Hi-Z
Status Reg.
9FH
X
X
DOUT
X
Note6
X
Note6
X
Note6
X
Note6
X
Note6
Read-ID
90H
Hi-Z
00H
Hi-Z
00H
Hi-Z
ID Addr7
Hi-Z
X
DOUT7
X
Note8
X
Note8
T3.10 372
1. For SST45LF010, A23-A17 can be VIL or VIH, but no other value.
2. One bus cycle is eight clock periods
3. Operation: SIN=Serial In, SOUT=Serial Out
4. X = Dummy cycles (can be VIL or VIH, but no other value.)
5. A16-A12 are used to determine sector address, A11-A8 can be VIL or VIH, but no other value.
6. The status read is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
7. Manufacturer’s ID = BFH, is read with A0 = 0 and Device ID = 42H, is read with A0 = 1; All other address bits are 0
8. The data output is arbitrary.
TABLE
4: DEVICE OPERATION TABLE
Operation
SI
SO
CE#1
1. A high to low transition on CE# will be required to start any device operation except for Reset.
WP#
RST#
Read
X
DOUT
Low
X
High
Sector-Erase
X
X
Low
High
High
Chip-Erase
X
X
Low
High
High
Byte-Program
DIN
X
Low
High
High
Software-Status
X
DOUT
Low
X
High
Reset2
2. The RST# low will return the device to standby and terminate any Erase or Program operation in progress.
XXXX
Low
Read SST ID
X
DOUT
Low
X
High
Read Device ID
X
DOUT
Low
X
High
T4.6 372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com