Electronic Components Datasheet Search
  English  ▼

X  

SST45LF010 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST45LF010
Description  1 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST45LF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 16Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Data Sheet
1 Mbit Serial Flash
SST45LF010
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
PRODUCT ORDERING INFORMATION
Valid combinations for SST45LF010
SST45LF010-10-4C-SA
SST45LF010-10-4C-QA
SST45LF010-10-4C-SA-DD014
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
Non-Pb: Several devices in this data sheet are also offered in non-Pb (no lead added) packages.
The non-Pb part number is simply the standard part number with the letter “E” added to the end of the package code.
The non-Pb package codes corresponding to the packages listed above are SAE and QAE.
Device
Speed Suffix1 Suffix2
Suffix 3
SST45LFxxx -XXX
-XX
-XX
-
XXXXX
Custom Specification Number
DD014 = Reduced-Function Option1
Package Modifier
A = 8 leads or contacts
Package Type
S = SOIC
Q = WSON
Temperature Range
C = Commercial = 0°C to +70°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
10 = 10 MHz
Device Density
010 = 1 Mbit
Voltage
L = 3.0-3.6V
1. For details, see “Reduced-Function Option
(SST45LF010-10-4C-SA-DD014)” on page 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com