Electronic Components Datasheet Search
  English  ▼

X  

AM263P4 Datasheet(PDF) 3 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 Datasheet(HTML) 3 Page - Texas Instruments

  AM263P4 Datasheet HTML 1Page - Texas Instruments AM263P4 Datasheet HTML 2Page - Texas Instruments AM263P4 Datasheet HTML 3Page - Texas Instruments AM263P4 Datasheet HTML 4Page - Texas Instruments AM263P4 Datasheet HTML 5Page - Texas Instruments AM263P4 Datasheet HTML 6Page - Texas Instruments AM263P4 Datasheet HTML 7Page - Texas Instruments AM263P4 Datasheet HTML 8Page - Texas Instruments AM263P4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
Functional Safety:
• Enables design of systems with functional safety
requirements
– Error Signaling Module (ESM) with designated
SAFETY_ERRORn pin
– ECC or parity on calculation-critical memories
– 4x Dual Clock Comparators (DCC)
– 3x Self-Test Controller (STC)
– Programmable Built-In Self-Test (PBIST) and
fault-injection for CPU and on-chip RAM
– Runtime internal diagnostic modules including
voltage, temperature, and clock monitoring,
windowed watchdog timers, CRC engines for
memory integrity checks
• Functional Safety-Compliant targeted [Industrial]
– Developed for functional safety applications
– Documentation to be made available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL-3 targeted
– Hardware integrity up to SIL-3 targeted
– Safety-related certification
• IEC 61508 planned
• Functional Safety-Compliant targeted [Automotive]
– Developed for functional safety applications
– Documentation to be made available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL-D targeted
– Hardware integrity up to ASIL-D targeted
– Safety-related certification
• ISO 26262 planned
Data Storage
• 1x 4-bit Multi-Media Card/Secure Digital
(MMC/SD) interface
Optimal Power Management Solution
• Recommended TPS653860-Q1 Power
Management ICs (PMIC)
– Companion PMIC specially designed to meet
device power supply requirements
– Flexible mapping and factory programmed
configurations to support different use cases
Technology / Package:
• AEC-Q100 qualified for automotive applications
• 45nm technology
• ZCZ Package
– AM263x Compatible (ZCZ-C)
• Pin-to-Pin compatible option with AM263x
– AM263Px Resolver (ZCZ-S)
• Adds new Resolver Subsystem functionality
– AM263Px Resolver with Flash-in-Package
(ZCZ-F)
• Includes 1x internally connected Silicon
in Package (SIP) 64Mb ISSI IS25LX064-
LWLA3 OSPI Flash device; up to 133MHz
SDR and DDR
– 324-pin NFBGA
– 15.0mm x 15.0mm
– 0.8mm pitch
2 Applications
• AC Inverter & VF Drives
• Battery Management Systems
• Combo box Architectures
• DC-DC Converters
• Domain Controllers
• EV Charging
• IO Aggregators
• Onboard Chargers
• Renewable Energy Storage
• Single & Multi Axis Servo Drives
• Solar Energy
• Telematics
• Traction Inverters
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com