Electronic Components Datasheet Search
  English  ▼

X  

AM263P4 Datasheet(PDF) 46 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 42Page - Texas Instruments AM263P4 Datasheet HTML 43Page - Texas Instruments AM263P4 Datasheet HTML 44Page - Texas Instruments AM263P4 Datasheet HTML 45Page - Texas Instruments AM263P4 Datasheet HTML 46Page - Texas Instruments AM263P4 Datasheet HTML 47Page - Texas Instruments AM263P4 Datasheet HTML 48Page - Texas Instruments AM263P4 Datasheet HTML 49Page - Texas Instruments AM263P4 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
C3
C3
C3
WARMRSTn
WARMRSTn_CFG_REG
0x5310 022C
0x510
WARMRSTn
0
IO
On / Off / Off
On / NA / Off
0
3.3V
VDDSHV0
FS OD
T1
T1
T1
XTAL_XI
XTAL_XI
I
1.8V
VDDA18_OSC_
PLL
Yes
HFOSC
R1
R1
R1
XTAL_XO
XTAL_XO
O
1.8V
VDDA18_OSC_
PLL
HFOSC
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com