Electronic Components Datasheet Search
  English  ▼

X  

INA210AIRSWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA210AIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210AIRSWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA210AIRSWR Datasheet HTML 18Page - Texas Instruments INA210AIRSWR Datasheet HTML 19Page - Texas Instruments INA210AIRSWR Datasheet HTML 20Page - Texas Instruments INA210AIRSWR Datasheet HTML 21Page - Texas Instruments INA210AIRSWR Datasheet HTML 22Page - Texas Instruments INA210AIRSWR Datasheet HTML 23Page - Texas Instruments INA210AIRSWR Datasheet HTML 24Page - Texas Instruments INA210AIRSWR Datasheet HTML 25Page - Texas Instruments INA210AIRSWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
7.2.2 Bidirectional Operation
-
Reference
Voltage
CBYPASS
0.1 µF
Output
-
+
IN-
IN+
GND
V+
OUT
REF
Power Supply
Bus Supply
Load
Copyright © 2017, Texas Instruments Incorporated
Figure 7-3. Bidirectional Application Schematic
7.2.2.1 Design Requirements
The device is a bidirectional, current-sense amplifier capable of measuring currents through a resistive shunt
in two directions. This bidirectional monitoring is common in applications that include charging and discharging
operations where the current flow-through resistor can change directions.
7.2.2.2 Detailed Design Procedure
The ability to measure this current flowing in both directions is enabled by applying a voltage to the REF pin, as
shown in Figure 7-3. The voltage applied to REF (VREF) sets the output state that corresponds to the zero-input
level state. The output then responds by increasing above VREF for positive differential signals (relative to the
IN– pin) and responds by decreasing below VREF for negative differential signals. This reference voltage applied
to the REF pin can be set anywhere between 0 V to V+. For bidirectional applications, VREF is typically set at
midscale for equal signal range in both current directions. In some cases, however, VREF is set at a voltage other
than midscale when the bidirectional current and corresponding output signal do not need to be symmetrical.
7.2.2.3 Application Curve
An example output response of a bidirectional configuration is shown in Figure 7-4. With the REF pin connected
to a reference voltage ( 2.5 V in this case) the output voltage is biased upwards by this reference level. The
output rises above the reference voltage for positive differential input signals and falls below the reference
voltage for negative differential input signals.
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com