Electronic Components Datasheet Search
  English  ▼

X  

INA210AIRSWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA210AIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210AIRSWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA210AIRSWR Datasheet HTML 9Page - Texas Instruments INA210AIRSWR Datasheet HTML 10Page - Texas Instruments INA210AIRSWR Datasheet HTML 11Page - Texas Instruments INA210AIRSWR Datasheet HTML 12Page - Texas Instruments INA210AIRSWR Datasheet HTML 13Page - Texas Instruments INA210AIRSWR Datasheet HTML 14Page - Texas Instruments INA210AIRSWR Datasheet HTML 15Page - Texas Instruments INA210AIRSWR Datasheet HTML 16Page - Texas Instruments INA210AIRSWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
6.3 Feature Description
6.3.1 Basic Connections
Figure 6-1 shows the basic connections of the INA21x. Connect the input pins (IN+ and IN–) as closely as
possible to the shunt resistor to minimize any resistance in series with the shunt resistor.
ADC
Power Supply
Load
RSHUNT
CBYPASS
0.1 µF
5-V Supply
-
+
IN-
IN+
GND
V+
OUT
REF
Microcontroller
Copyright © 2017, Texas Instruments Incorporated
Figure 6-1. Typical Application
Power-supply bypass capacitors are required for stability. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Connect bypass capacitors
close to the device pins.
On the RSW package options, two pins are provided for each input. Tie these pins together (that is, tie IN+ to
IN+ and tie IN– to IN–).
6.3.2 Selecting RS
The zero-drift offset performance of the INA21x offers several benefits. Most often, the primary advantage of
the low offset characteristic enables lower full-scale drops across the shunt. For example, non-zero-drift current
shunt monitors typically require a full-scale range of 100 mV.
The INA21x series gives equivalent accuracy at a full-scale range on the order of 10 mV. This accuracy reduces
shunt dissipation by an order of magnitude with many additional benefits.
Alternatively, there are applications that must measure current over a wide dynamic range that can take
advantage of the low offset on the low end of the measurement. Most often, these applications can use the
lower gains of the INA213, INA214, or INA215 to accommodate larger shunt drops on the upper end of the
scale. For instance, an INA213 operating on a 3.3-V supply can easily handle a full-scale shunt drop of 60 mV,
with only 100 μV of offset.
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com