Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65CP Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS274C65CP_V02 Datasheet HTML 6Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 7Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 8Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 9Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 10Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 11Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 12Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 13Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.6 Switching Characteristics (continued)
VS = 6 V to 36 V, TJ = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON - tOFF
CHx Turnon and off matching
100-µs OFF time switch enable
pulse, VS = 24 V, RL = 48 Ω, F = fmax
–41
–7
23
µs
tON - tOFF
CHxTurnon and off matching
100-µs ON time switch enable
pulse, VS = 24 V, RL = 48 Ω, F = fmax
–41
–7
23
µs
ΔPWM
CHx PWM accuracy - average load
current
200-µs enable pulse, VS = 24 V, RL =
48 Ω
F = fmax
–20
20
%
6.7 Typical Characteristics
VEN = 0 to 5 V
VS = 12 V
TAMB = 25 °C
Figure 6-1. Turn-on Time (tON)
VEN = 5 to 0 V
VS = 12 V
TAMB = 25 °C
Figure 6-2. Turn-off Time (tOFF)
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com