Electronic Components Datasheet Search
  English  ▼

X  

AT600 Datasheet(PDF) 2 Page - Baker Hughes Company

Part # AT600
Description  Panametrics ultrasonic flow meter for liquids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BAKER [Baker Hughes Company]
Direct Link  https://www.bakerhughes.com/panametrics
Logo BAKER - Baker Hughes Company

AT600 Datasheet(HTML) 2 Page - Baker Hughes Company

  AT600 Datasheet HTML 1Page - Baker Hughes Company AT600 Datasheet HTML 2Page - Baker Hughes Company AT600 Datasheet HTML 3Page - Baker Hughes Company AT600 Datasheet HTML 4Page - Baker Hughes Company AT600 Datasheet HTML 5Page - Baker Hughes Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Liquid flow ultrasonic transmitter
The AquaTrans AT600 liquid flow ultrasonic transmitter
combines state-of-the-art flow measurement capability with
a low-cost transmitter package that can be installed right
at the process measurement point. It’s designed specifically
for water and wastewater applications in full pipes. The all-
digital AquaTrans AT600 has no moving parts and requires
minimal maintenance. An onboard microprocessor uses
patented correlation transit-time™ technology for long-term,
drift-free operation. Automatic adjustment to changing fluid
properties and dynamically configured operating software
simplify programming.
Transit-time flow measurement
In this method, two transducers serve as both ultrasonic
signal generators and receivers. They are in acoustic
communication with each other, meaning the second
transducer can receive ultrasonic signals transmitted by the
first transducer and vice versa.
In operation, each transducer functions as a transmitter,
generating a specified number of acoustic pulses, and then
as a receiver for an identical number of pulses. The time
interval between transmission and reception of the ultrasonic
signals is measured in both directions. When the liquid in the
pipe is not flowing, the transit-time downstream equals the
transit-time upstream. When the liquid is flowing, the transit-
time downstream is less than the transit-time upstream.
The difference between the downstream and upstream
transit times is proportional to the velocity of the flowing
liquid, and its sign indicates the direction of flow.
Easy four step installation
Step #1: Install straps onto pipe.
Step #2: Put clamp-on fixture on pipe and move straps onto
sides of fixture.
Step #3: Open fixture to set spacing.
Step 4: Set spacing and lock fixture with transducers
onto pipe.
Flow Meter Transducers
Fluid Flow
Transducers ultrasonic signal path
Transit-time flow measurement technique
Clamp-on transducers
Clamp-on transducers offer maximum convenience,
flexibility and a low installation cost compared to traditional
flow metering technologies. With proper installation, clamp-
on transducers provide better than 1% of reading accuracy in
most applications.
Vitality™ software (optional)
The AquaTrans AT600 can communicate with a PC via our
Vitality interface program. Consult the manual for details on
sites, logs, and other operations with a PC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com