Electronic Components Datasheet Search
  English  ▼

X  

AT600 Datasheet(PDF) 4 Page - Baker Hughes Company

Part # AT600
Description  Panametrics ultrasonic flow meter for liquids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BAKER [Baker Hughes Company]
Direct Link  https://www.bakerhughes.com/panametrics
Logo BAKER - Baker Hughes Company

AT600 Datasheet(HTML) 4 Page - Baker Hughes Company

  AT600 Datasheet HTML 1Page - Baker Hughes Company AT600 Datasheet HTML 2Page - Baker Hughes Company AT600 Datasheet HTML 3Page - Baker Hughes Company AT600 Datasheet HTML 4Page - Baker Hughes Company AT600 Datasheet HTML 5Page - Baker Hughes Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ordering information
A
B
C
D
E
F
G H
I
J
K
L
AT6
Model
Clamp-on liquid ultrasonic flow meter cocsisting of an AT600, transducers,
clamping fixture, transducer cable and coupling
C1
Clamp-on system
Single-channel clamp-on system
AT05
AT10
AT20
CFLP
CR05
CR10
CR05SUB
CR10SUB
CR05JB
CR10JB
CP10JB
CP20JB
CFJR
Transducer system
AT05: C-AT transducers, 0.5 MHz, IP68, 12 in./300 mm or greater typ.,
Tprocess: -40 to 150°C
AT10: C-AT transducers, 1 MHz, IP68, 4 to 24 in./100 to 600 mm typ., Tprocess:
-40 to 150°C
AT20: C-AT transducers, 2 MHz, IP68, 2 to 6 in./50 to 150 mm typ., Tprocess:
-40 to 150°C
CFLP: CF-LP transducers, 4 MHz, IP66, 0.5 to 2 in./15 to 50 mm, Tprocess:
-40 to 230°C
CR05: C-RS transducers, 0.5 MHz, IP66, 12 i.n/300 mm or greater typ.,
Tprocess: -40 to 150°C
CR10: C-RS transducers, 1 MHz, IP66, 4 to 24 in./100 to 600 mm typ., Tprocess:
-40 to 150°C
CR05SUB: C-RS submersible transducers, 0.5 MHz, IP68, 12 in./300 mm or
greater typical, Tprocess: -40 to 150°C
CR10SUB: C-RS submersible transducers, 1 MHz, IP68, 4 to 24 in./100 to 600
mm typ., Tprocess: -40 to 150°C
CR05JB: C-RS with junction box transducers, 0.5 MHz, IP66, 12 in./300 mm or
greater typ., Tprocess: -40 to 150°C
CR10JB: C-RS with junction box transducers, 1 MHz, IP66, 4 to 24 in./100 to 600
mm typ., Tprocess: -40 to 150°C
CP10JB: C-PT with junction box transducers, 1 MHz, IP66, 4 to 24 in./100 to 600
mm typ., Tprocess: -20 to 210°C
CP20JB: C-PT with junction box transducers, 2 MHz, IP66, 2 to 6 in./50 to 150
mm typ., Tprocess: -20 to 210°C
CFJR: CF-JR transducers, 4 MHz, IP66, 0.5 to 2 in./15 to 50 mm, Tprocess: -40
to 150°C
<>
Pipe size
Nominal outside diameter
IN
MM
Pipe units
Inches
Millimeters
1
2
3
4
7
Cable length:
10 ft (3 m) of transducer cable
25 ft (7.5 m) of transducer cable
50 ft (15 m) of transducer cable
100 ft (30 m) of transducer cable
300 ft (90 m) of transducer cable
1
2
AT power:
85 to 265 VAC
12 to 28 VDC
A
H
M
Analog and digital output:
4-20 mA analog output only
4-20 mA output with HART
4-20 mA output and Modbus
AA
AF
AT
FF
FT
TT
Discrete output:
Two alarm contacts
One alarm contact and one frequency output
One alarm contact and one totalizer (pulse) output
Two frequency outputs
One frequency output and one totalizer (pulse) output
Two totalizer (pulse) outputs
01
02
03
04
05
06
07
08
09
Language:
English
German
French
Italian
Spanish
Portuguese
Russian
Japanese
Chinese
M
E
Default units:
Metric
English
O
S
Special:
No specials
Special
AT6 C1
AT05
5
IN
1
2
A
AA
01 M 0
(Example part number)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com